Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2214TB-E4-A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPG2214TB-E4-A
Description  GaAs Integrated Circuit for L, S-Band SPDT Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2214TB-E4-A Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPG2214TB-E4-A Datasheet HTML 1Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 2Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 3Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 4Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 5Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 6Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 7Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 8Page - Renesas Technology Corp UPG2214TB-E4-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
OUTPUT1
2
GND
3
OUTPUT2
4
Vcont2
5
INPUT
(Top View)
1
2
3
6
5
4
(Bottom View)
6
5
4
1
2
3
(Top View)
1
2
3
6
5
4
6
Vcont1
TRUTH TABLE
Vcont1
Vcont2
INPUT−OUTPUT1
INPUT−OUTPUT2
Low
High
ON
OFF
High
Low
OFF
ON
ABSOLUTE MAXIMUM RATINGS (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
+6.0 Note
V
P
r
e
w
o
P
t
u
p
n
I
in
+30
dBm
Operating Ambient Temperature
TA
45 to +85
°
C
Storage Temperature
Tstg
55 to +150
°
C
Note Vcont1 − Vcont2 ≤ 6.0 V
RECOMMENDED OPERATING RANGE (TA = +25°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Switch Control Voltage (H)
Vcont (H)
1.8
3.0
5.3
V
Switch Control Voltage (L)
Vcont (L)
0.2
0
0.2
V
PG2214TB
2
1
f
o
2
e
g
a
P
0
0
.
4
.v
e
R
0
0
4
0
J
E
0
5
0
0
S
D
9
0
R
Sep 10, 2012
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - UPG2214TB-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2214TB-E4-A NEC-UPG2214TB-E4-A Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2214TB-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2214TB CEL-UPG2214TB_09 Datasheet
2Mb / 13P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
Renesas Technology Corp
UPG2214TB RENESAS-UPG2214TB Datasheet
143Kb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
California Eastern Labs
UPG2214TB CEL-UPG2214TB Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
NEC
UPG153TB NEC-UPG153TB_01 Datasheet
36Kb / 4P
   L, S Band SPDT GaAs MMIC Switch
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
   L, S BAND SPDT GaAs MMIC SWITCH
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com