Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2214TB-EVAL-A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPG2214TB-EVAL-A
Description  GaAs Integrated Circuit for L, S-Band SPDT Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2214TB-EVAL-A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPG2214TB-EVAL-A Datasheet HTML 4Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 5Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 6Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 7Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 8Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 9Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 10Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 11Page - Renesas Technology Corp UPG2214TB-EVAL-A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT1
ISOLATION vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT2
ISOLATION vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT1
INPUT RETURN LOSS vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT2
INPUT RETURN LOSS vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT1
OUTPUT RETURN LOSS vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
40
50
20
10
0
–20
–40
–50
2.0
3.5
Frequency f (GHz)
INPUT-OUTPUT2
OUTPUT RETURN LOSS vs. FREQUENCY
1.0
1.5
2.5
3.0
0.5
30
–10
–30
3.0
2
1
3
4
5
2
1
3
4
5
2
1
3
4
5
2
1
3
4
5
2: –22.334 dB
1.5 GHz
1: –28.279 dB
1.0 GHz
3: –19.341 dB
2.0 GHz
4: –19.843 dB
2.5 GHz
5: –24.355 dB
3.0 GHz
2: –22.261 dB
1.5 GHz
1: –29.277 dB
1.0 GHz
3: –19.021 dB
2.0 GHz
4: –19.468 dB
2.5 GHz
5: –24.914 dB
3.0 GHz
2: –22.826 dB
1.5 GHz
1: –30.808 dB
1.0 GHz
3: –19.596 dB
2.0 GHz
4: –19.41 dB
2.5 GHz
5: –22.554 dB
3.0 GHz
2: –22.191 dB
1.5 GHz
1: –29.853 dB
1.0 GHz
3: –18.863 dB
2.0 GHz
4: –18.563 dB
2.5 GHz
5: –23.874 dB
3.0 GHz
2: –27.81 dB
1.5 GHz
1: –28.87 dB
1.0 GHz
3: –27.54 dB
2.0 GHz
4: –26.74 dB
2.5 GHz
5: –25.04 dB
3.0 GHz
1
2
33
4
5
2: –27.81 dB
1.5 GHz
1: –29.12 dB
1.0 GHz
3: –27.54 dB
2.0 GHz
4: –26.56 dB
2.5 GHz
5: –24.88 dB
3.0 GHz
1
2
33
4
5
Remark The graphs indicate nominal characteristics.
<R>
PG2214TB
2
1
f
o
8
e
g
a
P
0
0
.
4
.v
e
R
0
0
4
0
J
E
0
5
0
0
S
D
9
0
R
Sep 10, 2012
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - UPG2214TB-EVAL-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2214TB-E4 NEC-UPG2214TB-E4 Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2214TB-E4 RENESAS-UPG2214TB-E4 Datasheet
143Kb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
California Eastern Labs
UPG2214TB-E4 CEL-UPG2214TB-E4 Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
NEC
UPG2214TB-E4-A NEC-UPG2214TB-E4-A Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2214TB-EVAL-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2214TB CEL-UPG2214TB_09 Datasheet
2Mb / 13P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
Renesas Technology Corp
UPG2214TB RENESAS-UPG2214TB Datasheet
143Kb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
California Eastern Labs
UPG2214TB CEL-UPG2214TB Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
NEC
UPG153TB NEC-UPG153TB_01 Datasheet
36Kb / 4P
   L, S Band SPDT GaAs MMIC Switch
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
   L, S BAND SPDT GaAs MMIC SWITCH
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com