Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF11G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF11G
Description  1 A, Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF11G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF11G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF11G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF11G ~ SF15G
VOLTAGE 50 ~ 600 V
1 A, Glass Passivated Super Fast Rectifiers
01-April-2009 Rev. C
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
PACKAGING INFORMATION
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.3400 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
SF11G
SF12G
SF13G
SF14G
SF15G
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
V
Instantaneous Forward Voltage
(Max.)
VF
0.95
1.30
1.70
V
IF = 1 A
Average Forward
Rectified Current (Max.)
IO
1.0
A
0.375” (9.5mm)
lead length
@ TA = 55°C
Peak Forward Surge Current
IFSM
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR = VRRM, TA=25°C
DC Reverse Current (Max.)
IR
50
μA
VR=VRRM,
TA=100°C
Reverse Recovery Time (Max.)
TRR
35
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
50
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
DO-41
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
4.10
5.21
C
2.00
2.72
D
0.70
0.90
A
C
B
A
D


Similar Part No. - SF11G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Leshan Radio Company
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - SF11G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF51G SECOS-SF51G Datasheet
161Kb / 2P
   5 A, Glass Passivated Super Fast Rectifiers
SF21G SECOS-SF21G Datasheet
71Kb / 2P
   2 A, Glass Passivated Super Fast Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com