Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR540S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR540S
Description  5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR540S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR540S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR540S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SR540S
VOLTAGE 40 V
5.0 Amp Schottky Barrier Rectifiers
01-June-2005 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
2
3
TO-220A
Dimensions in millimeters
2
1
3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
RoHS compliant product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.933 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUES
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRSM
40
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum Average Forward Rectified Current
See Fig. 1
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
120
A
Maximum Instantaneous Forward Voltage (IF = 5 Amps)
VF
0.55
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage
TA = 25°C
TA = 100°C
IR
0.5
45
mA
mA
Typical Junction Capacitance (Note 1)
CJ
700
pF
Typical Thermal Resistance RθJC (Note 2)
RθJA
3.0
°C /W
Operating Temperature Range TJ
TJ
-50 ~ +150
°C
Storage Temperature Range TSTG
TSTG
-65 ~ +175
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
15.10
H
-
4.00
B
-
10.50
J
-
1.30
C
14.0
-
K
-
1.00
D
3.05 TYP.
L
2.54 TYP.
E
1.27 TYP.
M
2.75 TYP.
F-
-
N
φ 3.6
φ 4.0
G-
-


Similar Part No. - SR540S

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SR540SL JINGHENG-SR540SL Datasheet
66Kb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
logo
Dongguan City Niuhang E...
SR540SL NIUHANG-SR540SL Datasheet
13Mb / 2P
   SUPER LOW VF SCHOTTKY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR540S SECOS-SR540S_15 Datasheet
186Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SR540S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com