Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTG02028P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UTG02028P
Description  The plastic circular connector with metal locking
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTG02028P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UTG02028P Datasheet HTML 7Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 8Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 9Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 10Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 11Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 12Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 13Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 14Page - List of Unclassifed Manufacturers UTG02028P Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
UTG Series
One of the key factors which affects the performance of a connec-
tor, is the way contacts are terminated. Crimped connections are
nowadays seen as the best solution to ensure quality throughout the
lifetime of the product. Here are some reasons why we recommend
this method of termination for UTG connectors:
Advantages (Extract from the IEC 60352-2):
- Efficient processing of connections at each production level
- Processing by fully-automatic or semi- automatic crimping
machines, or with hand operated tools
- No cold-soldered joints
- No degradation of the spring characteristic of female contacts
by the soldering temperature
- No health risk from heavy metal and flux steam
- Preservation of conductor flexibility behind the crimped
connection
- No burnt, discolored and overheated wire insulation
- Good connections with reproducible electrical and mechanical
performances
- Easy production control.
To ensure that the crimp tooling is performing according tooriginal
specifications, it is important to carry out regular checks. A com-
mon way to check the performance of tooling is with a simple pull
test, ideally using a dedicated electric pull tester. Minimum recom-
mended full forces are indicated in the tables below:
Active
contact
part
Contact type
Die
location
on heads
Wire
section
range
Section
(mm²)
Tensile
straight
test (mini)
Height
(Mm)
H (±0.075)
Width
(Mm)
W (±0.075)
Head's P/N
Machined
contacts
size 20
RM/RC 24W3*
26/24
AWG 26
0.12 min
15 N
0.95
1.27
S20RCM
AWG 24
0.25 max
32 N
RM/RC 20W3*
22/20
AWG 22
0.32 min
40 N
1.26
1.78
AWG 20
0.50 max
60 N
RM/RC 18W3*
20/18
AWG 20
0.50 max
60 N
1.35
1.86
AWG 18
0.82 max
90 N
S & F
contacts
size 20
SM/SC 24WL3TK6*
26/24
AWG 26
0.12 min
15 N
0.80
1.49
S20SCM20
AWG 24
0.25 max
32 N
SM/SC 20WL3TK6*
22/20
AWG 22
0.32 min
40 N
1.01
1.53
AWG 20
0.50 max
60 N
Machined
contacts
size 16
RM/RC 28M1K*
30/28
AWG 30
0.05 min
11 N
1.14
1.41
S16RCM20
AWG 28
0.08 max
11 N
RM/RC 24M9K*
26/24
AWG 26
0.12 min
15 N
1.15
1.41
AWG 24
0.25 max
32 N
RM/RC 20M13K*
22/20
AWG 22
0.32 min
40 N
1.26
1.76
AWG 20
0.50 max
60 N
RM/RC 20M12K*
AWG 22
0.32 min
40 N
AWG 20
0.50 max
60 N
RM/RC 16M23K*
20
AWG 20
0.50 max
60 N
1.66
2.18
S16RCM16
18
AWG 18
0.82 max
90 N
1.80
2.28
16
AWG 16
1.50 max
150 N
1.96
2.43
RM/RC 14M30K*
16
AWG 16
1.50 min
150 N
2.10
2.68
S16RCM14
14
AWG 14
2.50 min
230 N
2.30
2.78
S & F
contacts
size 16
SM/SC 24ML1TK6*
26/24
AWG 26
0.12 min
15 N
0.84
1.50
S16SCM20
AWG 24
0.25 max
32 N
SM/SC 20ML1TK6*
22/20
AWG 22
0.32 min
40 N
1.02
1.54
AWG 20
0.50 max
60 N
SM/SC
16ML11TK6*
18
AWG 18
0.82 min
90 N
1.32
2.09
S16SCML11
16
AWG 16
1.50 max
150 N
1.36
2.10
SM/SC 16ML1TK6*
18
AWG 18
0.82 min
90 N
1.49
2.02
S16SCML1
16
AWG 16
1.50 max
150 N
1.7
2.05
SM/SC14ML1TK6*
14
AWG 14
2.50 max
230 N
1.79
2.58
(1): example of plating, for other plating see page 13
WW
Machined
contact
Stamped & Formed
contact
Crimping


Similar Part No. - UTG02028P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UTG02028P EATON-UTG02028P Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG02028P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
List of Unclassifed Man...
UTG012-8SH ETC2-UTG012-8SH Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG016-19P ETC2-UTG016-19P Datasheet
181Kb / 4P
   Plastic connector with metal coupling system
UTG020-28S ETC2-UTG020-28S Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
logo
Hirose Electric
RPC1-12P-6S HIROSE-RPC1-12P-6S Datasheet
85Kb / 2P
   RP SERIES CIRCULAR PLASTIC CONNECTORS
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
   Plastic package shaped the same as metal package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com