Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTG0187S34 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UTG0187S34
Description  The plastic circular connector with metal locking
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTG0187S34 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UTG0187S34 Datasheet HTML 6Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 7Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 8Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 9Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 10Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 11Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 12Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 13Page - List of Unclassifed Manufacturers UTG0187S34 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
UTG Series
Contact size
Part number
Head
Handles
#20
1mm
RM/RC 24W3 -
S20RCM
SHANDLES
RM/RC 20W3 -
RM/RC 18W3 -
SM 24W3S-(1)
SC 24W3S-(1)
S20SCM20
SM 24WL3S-(2)
SC 24WL3S-(2)
SM/SC 20W3S-(1)
SM/SC 20WL3S-(2)
#16
1.6mm
RM/RC 28M1-
S16RCM20
RM/RC 24M9-
RM/RC 20M13-
RM/RC 20M12-
RM/RC 16M23-
S16RCM16
RM/RC 14M30-
S16RCM14
SM/SC 24M1-
SM/SC 24ML1-
S16SCM20
SM/SC 20M1-
SM/SC 20ML1-
SM/SC 16M1-
SM/SC 16ML1-
S16SCML1
SM/SC 14M1-
SM/SC 14ML1-
SM/SC 16M11-
SM/SC 16ML11-
S16SCML11
Contact size
Part number
Tool with separate locator
Extraction tools
Hand tool
Positioner + locator setting
#12
2.4mm
82911457N- / 82911456-
M317
VGE10077A
1-2
5106020924
82911459N- / 82911458-
2
82911461N- / 82911460-
2
82911463N- / 82911462-
3
82911465N- / 82911464-
3
82911467N- / 82911466-
4
#8
3.6mm
82913601A / 82913600A
M317
VGE10078A
3
51060210936
82913603A / 82913602A
3
82913605A / 82913604A
4
82913607A / 82913606A
5
82913609A / 82913608A
6/7
Specific contacts
Contact size
Part number
Hand tools (SHANDLES)
head
Tool with separate locator
Extraction tools
Hand tool
Positioner + locator setting
#16
Ø 1.6mm
Longer RM
contact
RM28M1GE1-
S16RCM20
RX2025GE1
RM24M9GE1-
RM20M13GE1-
RM16M23 GE1-
S16RCM16
MH860
MH86186
6/8
RM14M30 GE1-
S16RCM14
#16
Ø 1.6mm
Shorter RC
contact
RC28M1GE7-
S16RCM20
MH860
MH86164G
4/6
RC24M9GE7-
5/6
RC20M13GE7-
RC20M12GE7-
5/7
RC16M23GE7-
S16RCM16
6/8
RC14M30GE7-
S16RCM14
Standard contacts
Coaxial contacts
See pages 17
(1) contact reeled
(2) loose contact
Note: endurance of SHANDLES tool = 5 000 cycles.
51060210924
51060210936
SHANDLES
Tooling


Similar Part No. - UTG0187S34

ManufacturerPart #DatasheetDescription
logo
FCI connector
UTG0187SVDEU FCI-CONNECTOR-UTG0187SVDEU Datasheet
2Mb / 101P
   wide range in current capability
logo
Eaton All Rights Reserv...
UTG0187SVDEU EATON-UTG0187SVDEU Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG0187S34

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
List of Unclassifed Man...
UTG012-8SH ETC2-UTG012-8SH Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG016-19P ETC2-UTG016-19P Datasheet
181Kb / 4P
   Plastic connector with metal coupling system
UTG020-28S ETC2-UTG020-28S Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
logo
Hirose Electric
RPC1-12P-6S HIROSE-RPC1-12P-6S Datasheet
85Kb / 2P
   RP SERIES CIRCULAR PLASTIC CONNECTORS
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
   Plastic package shaped the same as metal package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com