Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL40215 Datasheet(PDF) 4 Page - Ericsson

Part # PBL40215
Description  RF Transceiver circuit for the Digital Enhanced Cordless Telecommunications (DECT) system
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40215 Datasheet(HTML) 4 Page - Ericsson

  PBL40215 Datasheet HTML 1Page - Ericsson PBL40215 Datasheet HTML 2Page - Ericsson PBL40215 Datasheet HTML 3Page - Ericsson PBL40215 Datasheet HTML 4Page - Ericsson PBL40215 Datasheet HTML 5Page - Ericsson PBL40215 Datasheet HTML 6Page - Ericsson PBL40215 Datasheet HTML 7Page - Ericsson PBL40215 Datasheet HTML 8Page - Ericsson PBL40215 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
PBL 402 15
Pin Descriptions (cont.):
Pin number
Name
Function
Schematic in/output of the pin
8
Not connected
9
Not connected
10
VCCVCO
Voltage supply to the VCO
11
VTUNE
Tuning voltage input for the VCO
12
GndVCO
Ground connection to the VCO
13
GndFM
Ground connection to the FM discriminator section.
14
DTX
Tx data input for either analog or logic signal.
15
MOD
Apply modulation. The PLL is set into open loop
condition and modulation is applied to the VCO.
16
SHOLD
Slice level hold logic input. (In Tx mode this input
may also act as the MOD pin).
17
DRX
Rx data output of FM discriminator for either analog
or logic signal.(In standby mode outputs lock detect)
18
DSL
Data slice level output.
19
VCCFM
Voltage supply to the FM discriminator section.
20
RSSI
RSSI output of limiting strip detector chain.
N/C
Clamp to GndVCO
VCCVCO
VTUNE
GndVCO
A diode to GndCP and GndFM
VCCFM
DTX
GndFM
VCCFM
MOD
GndFM
Bias
VCCFM
SHOLD
GndFM
Bias
VCCFM
DRX
GndFM
VCCFM
DSL
GndFM
Clamp to GndFM
21
VCCRSSI
Voltage supply to the RSSI section.
22
CAP+
External stabilising capacitors for limiting strip
DC input offset correction loop.
23
CAP-
VCCRSSI
RSSI
GndRSSI
Clamp to GndRSSI
VCCRSSI
CAP+/CAP-
Both inputs alike
GndRSSI


Similar Part No. - PBL40215

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBL402 DIODES-PBL402 Datasheet
67Kb / 2P
   4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
logo
Compact Technology Corp...
PBL402 CTC-PBL402 Datasheet
48Kb / 2P
   SILICON BRIDGE RECTIFIERS
PBL402 CTC-PBL402 Datasheet
132Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - PBL40215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
AD6411 AD-AD6411_15 Datasheet
116Kb / 11P
   DECT RF Transceiver
REV. 0
logo
Ericsson
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
   3.6 V Differential Power Amplifier for DECT Telecommunications system
logo
National Semiconductor ...
LMX4268 NSC-LMX4268 Datasheet
39Kb / 4P
   Radio Transceiver for DECT
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
   Radio Transceiver for DECT
logo
List of Unclassifed Man...
HW86010 ETC-HW86010 Datasheet
104Kb / 2P
   DECT Transceiver Module: The optimum embedded wireless solution
logo
SIPAT Co,Ltd
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
   DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
   DECT RF Filters
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com