Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL388131SOT Datasheet(PDF) 2 Page - Ericsson

Part # PBL388131SOT
Description  Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL388131SOT Datasheet(HTML) 2 Page - Ericsson

  PBL388131SOT Datasheet HTML 1Page - Ericsson PBL388131SOT Datasheet HTML 2Page - Ericsson PBL388131SOT Datasheet HTML 3Page - Ericsson PBL388131SOT Datasheet HTML 4Page - Ericsson PBL388131SOT Datasheet HTML 5Page - Ericsson PBL388131SOT Datasheet HTML 6Page - Ericsson PBL388131SOT Datasheet HTML 7Page - Ericsson PBL388131SOT Datasheet HTML 8Page - Ericsson PBL388131SOT Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PBL 388 13
Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Speech switch supply current
I
D
10
mA
Speaker amplifier supply current
I
+L
130
mA
Voltage
pin 1-14
-0,5
Vpin
15
+0.5
V
Operating temperature
T
Amb
-20
+70
°C
Storage temperature
T
Stg
-55
+125
°C
Figure 3. Test circuit.
Reference figure No. 3.
Figure 4. Test circuit.
Reference figure No. 4.
Figure 2. Isolation and
measurement of V
Ref.
Ref fig No.2.
V +
GND
V Ref
+
PBL 388 13
V+
D
I
RxDetin
RxDetout 9
15
16
10
100nF
14
V Txout
CTR
V
V
CMP
V
TxDet
VRxout
+
10
µF
CMP
CTR
GND
68
9
24
16
7
Det
N
TxDetout
4 Txout
RxDetout
in
-Rx
2
1
µF
Rxin
I
VRxin
+
NDet
R CTR
C TxDet
ITxDet
0,1
µF
C
RxDet
VRxDet
I CTR
V
NDet
RxDet
I
PBL 388 13
11
Rxout
R Rxout
10
µF
+
1
3
5
F2out
13
1
µF
Txout
R
100
µF/16V
V+
15
+
V+
D
I
I Txin
V Txin
4.7
µF
+
+
+
+
+
TxDetin
-Tx in
+Txin
in
+Rx
10
Rx Detin
12
F5out
10
µF
+
F5out
R
F5out
CRx
1
µF
+
10
µF
+
F2out
R
F2out
C Tx
+
LSP 18
+ L 20
– C 17
+
100
16 V
µF
1000
16 V
µF
0.015
µ used only
with inductive load
I+L
GND
16
R
22
E
R
21
DC
Vin
Input
23 LSPin
50
Load
PBL 388 13
1
µF
VOL 19
Vout
VA
Power
amplifier
supply
+
-
IVOL


Similar Part No. - PBL388131SOT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
PBL388141N ERICSSON-PBL388141N Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
More results

Similar Description - PBL388131SOT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com