Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD19B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UTFD19B
Description  The plastic circular connector with metal locking
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD19B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UTFD19B Datasheet HTML 2Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 3Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 4Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 5Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 6Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 7Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 8Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 9Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
UTG Series
Specifications
Shell size
Contacts number*
Connector type / Part number
Free hanging receptacle
Male insert
Female insert
10
4 #16
UTG1104P
UTG1104S
2 + ground #16
UTG1103P
UTG1103S
3 #20 + 3 #16
-
UTG1103W3S
12
8 #16
UTG1128P
UTG1128S
14
12 #16
UTG11412P
UTG11412S
16
19 #16
UTG11619P
UTG11619S
18
23 #16
UTG11823P
UTG11823S
20
28 #16
UTG12028P
UTG12028S
20 #16
UTG12020P
UTG12020S
22
35 #16
UTG12235P
UTG12235S
24
48 #16
UTG12448P
UTG12448S
7 #8 + 2 #16
UTG1247P
UTG1247S
*Contacts supply separately
For IP65 waterprotected version (for only receptacle) add «H» behind N or S. Ex. UTG1103PH


Similar Part No. - UTFD19B

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
   Attenuator 5 to 1000 MHz
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
   Attenuator 5 to 2500 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
   Attenuator 100 to 2000 MHz
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
   Attenuator 50 to 2000 MHz
UTF0040 TELEDYNE-UTF0040 Datasheet
151Kb / 6P
   Attenuator 10 to 1000 MHz
More results

Similar Description - UTFD19B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
List of Unclassifed Man...
UTG012-8SH ETC2-UTG012-8SH Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG016-19P ETC2-UTG016-19P Datasheet
181Kb / 4P
   Plastic connector with metal coupling system
UTG020-28S ETC2-UTG020-28S Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
logo
Hirose Electric
RPC1-12P-6S HIROSE-RPC1-12P-6S Datasheet
85Kb / 2P
   RP SERIES CIRCULAR PLASTIC CONNECTORS
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
   Plastic package shaped the same as metal package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com