Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD13N06L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD13N06L
Description  N-Channel QFET짰 MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N06L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD13N06L Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 8Page - Fairchild Semiconductor FQD13N06L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N06L / FQU13N06L Rev. C3
www.fairchildsemi.com
3
 !  
2
0
6
4
8
10
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
Note: I
D = 13.6A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
C
iss = Cgs + Cgd (Cds = shorted)
C
gd
ds
C
oss = C + Cgd
C
rss =
Notes:
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
Notes:
1. V
GS = 0V
2. 250μ sPulseTest
25℃
V
SD, Source-Drain voltage [V]
0
0
1
2030
40
0
100
200
300
V
GS = 10V
V
GS = 5V
Note : T
J = 25
I
D, Drain Current [A]
02
4
6
8
10
10
-1
10
0
10
1
150℃
25℃
-55℃
Notes:
1. V
DS = 25V
2. 250μ sPulseTest
10
-1
10
0
10
1
10
0
10
1
V
GS
Top:
10.0V
8.0V
6.0V
5.0V
4.5V
4.0V
3.5V
Bottom: 3.0V
Notes:
1. 250μ sPulseTest
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
V
GS, Gate-Source Voltage [V]
Figure 2. Transfer Characteristics
V
DS, Drain-Source Voltage [V]
Figure 1. On-Region Characteristics


Similar Part No. - FQD13N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
logo
Guangdong Youtai Semico...
FQD13N06L UMW-FQD13N06L Datasheet
787Kb / 6P
   60V N -Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
logo
Guangdong Youtai Semico...
FQD13N06LTM UMW-FQD13N06LTM Datasheet
787Kb / 6P
   60V N -Channel MOSFET
More results

Similar Description - FQD13N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com