Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S116S01 Datasheet(PDF) 6 Page - Sharp Corporation

Part # S116S01
Description  Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S116S01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S116S01 Datasheet HTML 2Page - Sharp Corporation S116S01 Datasheet HTML 3Page - Sharp Corporation S116S01 Datasheet HTML 4Page - Sharp Corporation S116S01 Datasheet HTML 5Page - Sharp Corporation S116S01 Datasheet HTML 6Page - Sharp Corporation S116S01 Datasheet HTML 7Page - Sharp Corporation S116S01 Datasheet HTML 8Page - Sharp Corporation S116S01 Datasheet HTML 9Page - Sharp Corporation S116S01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S116S01 Series
S216S01 Series
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
0
60
50
40
30
20
10
Ambient temperature Ta (˚C)
−25
125
100
75
50
25
0
Sheet No.: D4-A02601EN
(1) With infinite heat sink
(2) With heat sink (280
×280×2mm Al plate)
(3) With heat sink (200
×200×2mm Al plate)
(4) With heat sink (100
×100×2mm Al plate)
(5) Without heat sink
(Note) In natural cooling condition, please locate Al
plate vertically, spread the thermal conductive
silicone grease on the touch surface of the
device and tighten up the device in the center
of Al plate at the torque of 0.4N • m.
−25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
Ambient temperature Ta (˚C)
(2)
(3)
(4)
(5)
(1)
100
10
1
0
1.0
2.0
Forward voltage VF (V)
Ta=100˚C
25˚C
50˚C
75˚C
0˚C
−25˚C
Fig.4 Forward Current vs. Forward Voltage
Fig.3 RMS ON-state Current vs.
Case Temperature
0
2
4
6
8
16
10
12
14
Case temperature Tc (˚C)
−25
0
25
50
75
100
125


Similar Part No. - S116S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S116S01 SHARP-S116S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S116S01 SHARP-S116S01 Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
More results

Similar Description - S116S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com