Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-14 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G5LE-14
Description  A Cubic, Single-pole 10-A Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-14 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G5LE-14 Datasheet HTML 1Page - Omron Electronics LLC G5LE-14 Datasheet HTML 2Page - Omron Electronics LLC G5LE-14 Datasheet HTML 3Page - Omron Electronics LLC G5LE-14 Datasheet HTML 4Page - Omron Electronics LLC G5LE-14 Datasheet HTML 5Page - Omron Electronics LLC G5LE-14 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCB Relay
G5LE
193
■ Characteristics
■ Approved Standards
UL Recognized (File No. E41643)
CSA Certified (File No. LR34815)
EN 61810-1, EN 60255, IEC (VDE TUV Reg No. R9151267, VDE Reg No. 6850UG)
Contact resistance
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Bounce Time
Operate: Approx. 0.6ms
Release: Approx. 7.2ms
Max. switching frequency
Mechanical:
18,000 operations/hr
Electrical:
1,800 operations/hr at rated load
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
750 VAC, 50/60 Hz for 1 min between contacts of same polarity
1,500 VAC (for suffix -G) 50/60Hz for 1 min between contacts of same polarity
Impulse withstand voltage
4,500 V (1.2 x 50
μs) between coil and contacts
Insulation
Distance
Creepage (Typ)
3.3 mm
Clearance (Typ) 2.7 mm
Tracking Resistance (CTI)
250 V
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction:
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction:
1,000 m/s2
Malfunction:
100 m/s2
Endurance
Mechanical:
10,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr) for standard type
36,000 operations min. (10A at 250VAC)
100,000 operations min. (at 1,800 operations/hr), 12A 250 VAC) - applicable for
G5LE-1-E,NO contact only
Ambient temperature
Operating:
−40°Cto85°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 12 g
Model
Coil rating
Contact rating
G5LE
3 to 48 VDC
(Standard)
5to24 VDC
(-E versions)
9to24 VDC
(-G versions)
10 A, 250 VAC (general use), 6,000 cycles, 40
°C (excluding -G type)
10 A, 125 VAC (general use), 100,000 cycles, 40
°C (excluding -E, -G types)
8 A, 30 VDC (resistive load), 6,000 cycles, 40
°C (excluding -E, -G types)
125 VA, 125 VAC, pilot duty, 100,000 cycles, 105
°C (excluding -G type)
NO:
13 A, 120 VAC, resistive, 100,000 cycles, 85
°C (AgSnO
2 & -E types, only)
1/2 hp, 125 VAC, 100,000 cycles, 40
°C (excluding -G type)
1/3 hp, 125 VAC, 30,000 cycles, 70°C (AgSnO
2 type only, excluding -E, -G types)
400W-T (3.3A), 120 VAC, tungsten, 100,000 cycles (AgSnO
2 type only, excluding -E, -G types)
TV-5, 120 VAC, 40
°C (-ASI type only, excluding -E, -G types)
12 A, 250 VAC, general use, 100,000 cycles, 1s=on, 1s=off, 105°C (-E type only)
TV-8,120 VAC, 25,000 cycles, 40
°C (-E type only)
10 A, 35 VDC, resistive, 100,000 cycles, 1s=on, 1s=off, 40
°C (-G type only)
NC:
12 A, 250 VAC, general use, 30,000 cycles, 1s=on, 9s=off, 40
°C (-E type only)
10 A, 35 VDC, resistive, 50,000 cycles, 5s=on, 5s=off, 40
°C (-G type only)
1/8 hp, 120 VAC, 50,00 cycles, 40
°C (AgSnO
2 type only, excluding -E, -G types)
Model
Coil rating
Contact rating
G5LE
Approx. 400 mW
3, 5, 6, 9, 12, 24, 48 VDC
Approx. 360 mW
5, 6, 12, 24, 48 VDC
10A, 250VAC (resistive load, 50,000 cycles at 85
°C)
5A, 30VDC
2.5 A, 250 VAC (cos
φ = 0.4)


Similar Part No. - G5LE-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14 OMRON-G5LE-14 Datasheet
116Kb / 5P
   PCB Relay
G5LE-14 OMRON-G5LE-14 Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-14 OMRON-G5LE-14 Datasheet
828Kb / 8P
   PCB Relay
G5LE-14 OMRON-G5LE-14 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE-14 OMRON-G5LE-14 Datasheet
96Kb / 3P
   PCB Relay
More results

Similar Description - G5LE-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_97 Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com