Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-010517 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010517
Description  3W Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010517 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010517 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-010517 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3W Power Amplifier
14.4 - 15.4 GHz
Rev. V1
MAAP-010517
7
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
7
Power Data @ 14.4 GHz, +85°C
Typical Performance Curves
Power Data @ 14.9 GHz, +85°C
Power Data @ 15.4 GHz, +85°C
Detected Voltage (VDET-VREF)
10
15
20
25
30
35
40
1000
1200
1400
1600
1800
2000
2200
-10
-5
0
5
101520
Output Power
Power Gain
Drain Current
Input Power (dBm)
10
15
20
25
30
35
40
1000
1200
1400
1600
1800
2000
2200
-10
-5
0
5
101520
Output Power
Power Gain
Drain Current
Input Power (dBm)
10
15
20
25
30
35
40
1000
1200
1400
1600
1800
2000
2200
-10
-5
0
5
101520
Output Power
Power Gain
Drain Current
Input Power (dBm)
0.001
0.01
0.1
1
10
-20 -15 -10 -5
0
5
10152025303540
14.4 GHz
14.9 GHz
15.4 GHz
Output Power (dBm)


Similar Part No. - MAAP-010517

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
   3W Power Amplifier
More results

Similar Description - MAAP-010517

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
   3W Power Amplifier
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
   3W Power Amplifier Module
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL_10 Datasheet
1Mb / 10P
   3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL Datasheet
1Mb / 10P
   3W Power Amplifier Module
logo
SHENZHEN FUMAN ELECTRON...
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
   3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
   3W audio power amplifier IC
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
   3W audio power amplifier IC
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
   3W mono audio power amplifier
Version 1.0
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
   3W MONO AMPLIFIER
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com