Electronic Components Datasheet Search |
|
P15VG-2415E41LF Datasheet(PDF) 1 Page - PEAK electronics GmbH |
|
P15VG-2415E41LF Datasheet(HTML) 1 Page - PEAK electronics GmbH |
1 / 3 page PMNW-Series – P15VG-xxxxE/Z 4:1LF – Single and Dual Output – 1”x1” - Metal Case Specification can change without a notice – We accept no liability for any inaccuracy or printing errors. Page 1/3 P15VG-xxxxE/Z4:1LF All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified Input Specifications Voltage Range 4:1 Wide Input (see table) Input Filter Pi-Type Output Specifications Voltage Accuracy ± 1%, max. Short Circuit Protection Indefinite (hiccup, automatic recovery) Output Voltage Adjustable (trim) ± 10%, max. (only single output) Cross Regulation 1 (dual output) ± 5% Line Regulation ± 0.2%, max. Load Regulation (0% - 100%) ± 0.5%, max. (single) ± 1%, max. (dual) Ripple and Noise (20Mhz bandwidth) 100 mV pk-pk, max. Transient Recovery 2 250 us, typ. Transient Response Deviation 2 ± 3%, max. Temperature Coefficient ± 0.02% / °C, max. General Specifications Efficiency See Table I/O Isolation Voltage (3 sec.) 1600 VDC I/O Isolation Resistance 1000 MOhm, min. Switching Frequency 375 kHz, typ. Humidity 95% rel H Reliability Calculated MTBF (MIL-HDBK-217F) > 560 khrs Physical Specifications Case Material Nickel Coated Copper Weight ~ 18 g, typ. Environment Specifications Operating Temperature -40 to +66°C (for 100%) Maximum Case Temperature 105°C Storage Temperature -40 to +125°C Cooling Free Air Convection (10 mm distance required) RoHS Conform Soldering 260°C, max. (1.5mm from case 10s.) Mainzer Straße 151–153 D-55299 Nackenheim Tel. +49 6135 7026-0 Fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de The PMNW series is a family of high performance 15W single & dual output DC-DC converters. These are encapsulated in nickel coated copper 1” x 1” case with non conductive base. PMNW-SERIES 15 Watt 4:1 Wide Input 1” x 1” Case 1.6 kV DC I/O Isolation Reg. Single and Dual Output Remote ON/OFF Control Continuous Short Circuit Prot. Rev.08-2009 |
Similar Part No. - P15VG-2415E41LF |
|
Similar Description - P15VG-2415E41LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |