Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P15VG-4805E41LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P15VG-4805E41LF
Description  PMNW-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P15VG-4805E41LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P15VG-4805E41LF Datasheet HTML 1Page - PEAK electronics GmbH P15VG-4805E41LF Datasheet HTML 2Page - PEAK electronics GmbH P15VG-4805E41LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMNW-Series – P15VG-xxxxE/Z 4:1LF – Single and Dual Output – 1”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single and Dual Output (If you need other specifications, please enquire)
Order #
Inp
ut V
olta
ge
(VD
C)
Inp
ut C
urre
nt N
o L
oad
(mA
)
Inp
ut C
urre
nt F
ull L
oad
(mA
)
Out
put
Vol
tag
e (V
DC
)
Out
put
Cur
ren
t M
in. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad
(mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
)
3
SINGLE OUTPUT
P15VG-243R3E4:1LF
9-36
15
647
3.3
0
4000
86
1000
P15VG-2405E4:1LF
9-36
15
727
5
0
3000
87
1000
P15VG-2412E4:1LF
9-36
15
747
12
0
1300
88
330
P15VG-2415E4:1LF
9-36
15
710
15
0
1000
89
220
P15VG-483R3E4:1LF
18-75
10
331
3.3
0
4000
84
1000
P15VG-4805E4:1LF
18-75
10
368
5
0
3000
86
1000
P15VG-4812E4:1LF
18-75
10
378
12
0
1300
87
330
P15VG-4815E4:1LF
18-75
10
360
15
0
1000
88
220
DUAL OUTPUT
P15VG-2405Z4:1LF
9-36
15
744
± 5
0
± 1500
85
± 470
P15VG-2412Z4:1LF
9-36
15
718
± 12
0
± 625
88
± 220
P15VG-2415Z4:1LF
9-36
15
710
± 15
0
± 500
89
± 100
P15VG-4805Z4:1LF
18-75
10
376
± 5
0
± 1500
84
± 470
P15VG-4812Z4:1LF
18-75
10
363
± 12
0
± 625
87
± 220
P15VG-4815Z4:1LF
18-75
10
359
± 15
0
± 500
88
± 100
Package / Pinning / Derating
#
SINGLE
DUAL
1
+Vin
+Vin
2
- Vin
- Vin
3
CTRL
CTRL
4
+Vout
+Vout
5
Trim
Common
6
- Vout
- Vout
PIN CONNECTION


Similar Part No. - P15VG-4805E41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P15VG-4805E2:1LF PEAK-P15VG-4805E2:1LF Datasheet
154Kb / 4P
   1.6 kV DC I/O Isolation
More results

Similar Description - P15VG-4805E41LF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com