Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-015024-V3 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-015024-V3
Description  Power Amplifier, 8 W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-015024-V3 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAP-015024-V3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-015024-V3 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Power Amplifier, 8 W
14.5 - 17.5 GHz
Rev. V3
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
6
MAAP-015024
Note 1 - Biasing
The MAAP-015024 is biased directly through the
gates (VG1, VG2 and VG3) of the power amplifier
(PA). The VG should be biased on one side of the
PA. The VD3 must be biased on both sides of the
PA. The VD1 and VD2 should only be biased on
one side of the PA. The PA is biased typically with
VG = -0.9 V and VD = 8 V.
The bias (VG1, VG2, VG3) should always be applied
before the drain voltage (VD1, VD2, V+3) is applied
and when switching off the PA the drain voltage
must be switched off first before the gate voltage.
It is strongly recommended to pulse the drain
voltage of the PA so the heat can be dissipated
from the device.
Note 2 - Bias Arrangement
Each DC pin (VD and VG) needs to have DC bypass
capacitance of 100 pF as close to the device as
possible. In addition the VG must have 2.2 µF on
the side the gate voltage is applied. It is
recommended to also use a further capacitance of
0.01 µF on the DC pins.
Application Notes
Applications Section
Note 3 - Pulse Operation
The
performance
of
the
MAAP-015024
is
characterized under pulsed conditions with a pulse
width of 5 µS and a duty cycle of 5%.
The
measurements were taken while the drain voltage
was pulsed. It is strongly recommended to ensure
the heat generated is dissipated from the die with
an adequate thermal solution. If this thermal path
is not provided this will result in reduced
performance/lifetime and possible thermal runaway
that will permanently damage the PA. It is not
recommended to operate this PA in CW operation
unless the bias is reduced.


Similar Part No. - MAAP-015024-V3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015024-DIE MA-COM-MAAP-015024-DIE Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
MAAP-015024-DIEEV1 MA-COM-MAAP-015024-DIEEV1 Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
MAAP-015024-DIEEV2 MA-COM-MAAP-015024-DIEEV2 Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
MAAP-015024-DIER MA-COM-MAAP-015024-DIER Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
More results

Similar Description - MAAP-015024-V3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
MAAP-010171 MA-COM-MAAP-010171 Datasheet
271Kb / 7P
   Amplifier, Power, 8 W
MAAP-010171 MA-COM-MAAP-010171_15 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
   DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
   1 ??8 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
   8 ??11 GHz 50 W GaN Power Amplifier
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com