Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGE60802 Datasheet(PDF) 4 Page - Ericsson

Part # PGE60802
Description  Erbium-Doped Fiber Amplifier for Digital Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PGE60802 Datasheet(HTML) 4 Page - Ericsson

  PGE60802 Datasheet HTML 1Page - Ericsson PGE60802 Datasheet HTML 2Page - Ericsson PGE60802 Datasheet HTML 3Page - Ericsson PGE60802 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PGE 608 02
4
Ericsson Microelectronics AB
SE-164 81 Kista, Sweden
Telephone: +46 8 757 50 00
www.ericsson.com/microelectronics
For local sales contacts, please refer to our website
or call: Int + 46 8 757 47 00, Fax: +46 8 757 47 76
1522-PGE 608 02 Rev. E
© Ericsson Microelectronics AB, October 2000
Information given in this data sheet is believed to be accurate and
reliable. However no responsibility is assumed for the consequences of
its use nor for any infringement of patents or other rights of third
parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Ericsson
Microelectronics. These products are sold only according to Ericsson
Microelectronics' general conditions of sale, unless otherwise
confirmed in writing.
Product specifications subject to change without
notice.
Handling Precautions
This device may be damaged as a result of electrostatic
discharge (ESD). Take proper precautions during both han-
dling and testing. This typically includes grounded wrist
wraps, workbenches and floor mats in ESD controlled areas.
Semiconductor devices may be damaged by current surges,
use appropriate transient protection.
Quality Assurance
Ericsson Microelectronics commitment to quality has been
proven through a decade of semiconductor device produc-
tion and has been confirmed to ISO 9001. Opto product
qualification is made according to the intention of applica-
ble Telcordia standards.
Connector Options
SC/SPC
SC/APC
(Other connectors available on request)
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM
DANGER
DANGER
WAVELENGTH 1300 nm - 1600 nm
CLASS 3B LASER


Similar Part No. - PGE60802

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results

Similar Description - PGE60802

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com