Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0006 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0006
Description  Digital Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0006 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
Rev. V4
MAATCC0006
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 2.0 dB steps to 30 dB
• Low DC Power Consumption
• Integral TTL Driver
• 50 Ohm Impedance
• Temperature Stability: ±0.18 dB from -55°C to
+85°C Typ.
• Lead-Free SO-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT65-0233
Description
M/A-COM’s MAATCC0006 is a GaAs FET 4-bit
digital attenuator with a 2.0 dB minimum step size
and a 30 dB total attenuation range. This device is in
a SOIC-16 plastic surface mount package. The
MAATCC0006 is ideally suited for use where
accuracy, fast speed, very low power consumption
and low costs are required. Typical applications
include dynamic range setting in precision receiver
circuits and other gain/leveling control circuits.
Ordering Information
Part Number
Package
MAATCC0006
Bulk Packaging
MAATCC0006TR
1000 piece reel
MAATCC0006-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Schematic with Off-Chip Components or
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
C2
2
RF1
10
C1
3
GND
11
GND
4
NC1
12
GND
5
Vee
13
NC1
6
Vcc
14
GND
7
C4
15
RF2
8
C3
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
NC = No Connection


Similar Part No. - MAATCC0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0006 MACOM-MAATCC0006 Datasheet
247Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
710Kb / 6P
   Digital Attenuator
logo
Tyco Electronics
MAATCC0006-TB MACOM-MAATCC0006-TB Datasheet
247Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0006-TB MA-COM-MAATCC0006-TB Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAATCC0006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com