Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR6215TRLPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFR6215TRLPBF
Description  175째C Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR6215TRLPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFR6215TRLPBF Datasheet HTML 3Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 4Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 5Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 6Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 7Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 8Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 9Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 10Page - International Rectifier IRFR6215TRLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRFR/U6215PbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Similar Part No. - IRFR6215TRLPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFR6215TRLPbF INFINEON-IRFR6215TRLPbF Datasheet
654Kb / 11P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFR6215TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215TRPBF IRF-IRFR6215TRPBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Sensitron
SHD126423 SENSITRON-SHD126423_08 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126022 SENSITRON-SHD126022 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126122 SENSITRON-SHD126122 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST_08 Datasheet
39Kb / 2P
   SILICON SCHOTTKY RECTIFIER- Common Cathode Ultra Low Reverse Leakage 175째C Operating Temperature
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com