Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30WG Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P30WG
Description  PMTW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P30WG Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P30WG_14 Datasheet HTML 1Page - PEAK electronics GmbH P30WG_14 Datasheet HTML 2Page - PEAK electronics GmbH P30WG_14 Datasheet HTML 3Page - PEAK electronics GmbH P30WG_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PMTW-Series – P30WG-xxxxE/Z/D 4:1LF – Single, Dual and Triple Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
P30WG-xxxxE/Z/D4:1LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
4:1 Ultra Wide Input (see table)
Input Filter
PI Type
Input Reflected Ripple Current¹
20 mA pk-pk
Start up Time (Nom. Vin and constant resistive load)
30mS, typ.
Output Specifications
Voltage Accuracy
± 1% (main out) ± 5% (AUX - for triple output)
Voltage Adjustability (only Single Output)
± 10%, max.
Short Circuit Protection
Indefinite (hiccup, automatic recovery)
Over Load Protection
150% of FL, typ.
Line Regulation
± 0.5% (single&dual) ±1% / ±5% (triple main / aux)
Load Regulation (0% - 100%) / Triple (10% - 100%) ± 0.5% (single) ±1% / ±5% (dual & triple main / aux)
Cross Regulation³
± 5% (dual & triple)
Ripple&Noise (20Mhz bandwidth / 1.0uF – pk-pk)
100 mV (single&dual) 50 / 75mV (triple: main / aux)
Temperature Coefficient
± 0.02% / °C
Transient Recovery Time
4
250us, typ.
Transient Response Deviation
4
± 3%, max.
General Specifications
I/O Isolation Voltage (3 sec.)
1600 VDC
I/O Isolation Capacitance
1500 pF, typ.
I/O Isolation Resistance
1000 M Ohm, min.
Switching Frequency
330 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
>435 khrs (single&dual out) >320 khrs (triple out)
Physical Specifications
Case Material
Nickel Coated Copper
Potting / Base Material
Epoxy / Plastic (UL94V-0 rated)
Weight
~ 31g, typ.
Environment Specifications
Operating Temperature
-40 to +50°C (for 100% - ambient)
Maximum Case Temperature
105°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10mm distance required)
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMTW series P30WG-xxxxE/Z/D4:1LF is a family of cost effective
30W, single, dual and triple output DC-DC converters with an ultra wide
input range of 4:1. These converters are encapsulated in nickel coated
brass 2”x1” case with high performance features: 1600VDC input/output
isolation voltage, continuous short circuit protection with automatic restart
and tight line / load regulation, over current protection, over voltage
protection, over temperature protection, high efficiency operation and soft
start.
PMTW-SERIES
30 Watt
4:1 Ultra Wide Input
2” x 1” Metal Case
1.6 kV DC I/O Isolation
Regulated Output
Single, Dual and Triple Output
Continuous Short Circuit Prot.
Rev.11-2009


Similar Part No. - P30WG_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P30WG-1205E2:1LF PEAK-P30WG-1205E2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
P30WG-1205Z2:1LF PEAK-P30WG-1205Z2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
P30WG-1212E2:1LF PEAK-P30WG-1212E2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
P30WG-1212Z2:1LF PEAK-P30WG-1212Z2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
P30WG-1215E2:1LF PEAK-P30WG-1215E2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
More results

Similar Description - P30WG_14

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com