Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P47WG Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P47WG
Description  PM7-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P47WG Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P47WG_14 Datasheet HTML 1Page - PEAK electronics GmbH P47WG_14 Datasheet HTML 2Page - PEAK electronics GmbH P47WG_14 Datasheet HTML 3Page - PEAK electronics GmbH P47WG_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PM7-Series – P47WG-xxxxE/Z2:1(H35)LF – Single and Dual Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
P47WG-xxxxE/Z2:1(H35)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input (See Table)
Input Filter
Capacitors
Input Reflected Ripple Current¹
35 mA pk-pk
Start up Time (Nom. Vin and constant resistive load)
20mS, typ.
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (Automatic Recovery)
Over Current Protection
140% of max. Iout
Line Regulation
± 0.5%
Load Regulation (10% - 100%)
± 0.5%
Ripple and Noise (20Mhz bandwidth)
100 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC (3000 VDC optional)*
I/O Isolation Capacitance
470 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
200 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Nickel Coated Brass
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 30g, typ.
Environment Specifications
Operating Temperature
-40 to +71°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PM7 series P47WG-xxxxE/Z2:1(H35)LF is a family of cost effective
15W, single & dual output DC-DC converters with a wide input range of 2:1.
These converters are encapsulated in nickel coated brass 2”x1” case with
high performance features: 1500VDC up to 3500VDC input/output isolation
voltage, continuous short circuit protection with automatic restart and tight
line / load regulation, high efficiency operation and output voltage accuracy
of ±1% maximum.
PM7-SERIES
15 Watt
2:1 Wide Input
2” x 1” Case
1.5 - 3.5 kV DC I/O Isolation
Regulated Output
Single and Dual Output
Continuous Short Circuit Prot.
Rev.03-2009


Similar Part No. - P47WG_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P47WG-2405E41LF PEAK-P47WG-2405E41LF Datasheet
157Kb / 3P
   Continuous Short Circuit Prot
P47WG-2405Z41LF PEAK-P47WG-2405Z41LF Datasheet
157Kb / 3P
   Continuous Short Circuit Prot
P47WG-2409E41LF PEAK-P47WG-2409E41LF Datasheet
157Kb / 3P
   Continuous Short Circuit Prot
P47WG-2409Z41LF PEAK-P47WG-2409Z41LF Datasheet
157Kb / 3P
   Continuous Short Circuit Prot
P47WG-2412E41LF PEAK-P47WG-2412E41LF Datasheet
157Kb / 3P
   Continuous Short Circuit Prot
More results

Similar Description - P47WG_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P42WG PEAK-P42WG_14 Datasheet
163Kb / 4P
   PM7-SERIES
P44WG PEAK-P44WG_14 Datasheet
163Kb / 4P
   PM7-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com