Electronic Components Datasheet Search |
|
PC6NG Datasheet(PDF) 1 Page - PEAK electronics GmbH |
|
PC6NG Datasheet(HTML) 1 Page - PEAK electronics GmbH |
1 / 4 page PMB-Series – P(C)6NG-xxxxE/Z2:1(H30)LF – Single / Dual Output – SIP8 - Plastic Case Specification can change without a notice – We accept no liability for any inaccuracy or printing errors. Page 1/4 P(C)6NG-xxxxE/Z2:1(H30)LF All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified Input Specifications Voltage Range 2:1 Wide Input (see table) Input Filter Capacitor Input Reflected Ripple Current¹ 35 mA pk-pk Output Specifications Voltage Accuracy ± 2% Short Circuit Protection Indefinite (Automatic Recovery) Line Regulation ± 0.5% Load Regulation (25% - 100%) ± 1% Ripple and Noise (20Mhz bandwidth) 80 mV pk-pk Temperature Coefficient ± 0.02% / °C General Specifications I/O Isolation Voltage (3 sec.) 1000 VDC (3000 VDC optional)* I/O Isolation Capacity 60 pF I/O Isolation Resistance 1000 M Ohm Switching Frequency 100 - 650 kHz Humidity 95% rel H Reliability Calculated MTBF (MIL-HDBK-217F) > 2.732 Mhrs Physical Specifications Case Material Non Conductive Black Plastic (UL94V-0 rated) Potting Material Epoxy (UL94V-0 rated) Weight ~ 4.5g, typ. Environment Specifications Operating Temperature -40 to +85°C (ambient) Maximum Case Temperature 100°C Storage Temperature -40 to +125°C Cooling Free Air Convection RoHS Conform Soldering 260°C, max. (1.5mm from case 10s.) Mainzer Straße 151–153 D-55299 Nackenheim Tel. +49 6135 7026-0 Fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de The PMB 1 Watt series is a family of cost effective 1 W single and dual output DC/DC converters with an optional control Pin. These converters are encapsulated in an ultra miniature SIP8 or DIP16 plastic or metal case. High performance features: continuous / long time short circuit protection with automatic restart and tight line / load regulation, high efficiency operation and output voltage accuracy of ±2% maximum. PMB-SERIES 1 Watt 2:1 Wide Input Reg. Single and Dual Output 1 - 3 kV DC I/O Isolation SIP8 case On/Off Control (optional) Contin. Short Circuit Protection Rev.12-2008 |
Similar Part No. - PC6NG_14 |
|
Similar Description - PC6NG_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |