Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGR20302 Datasheet(PDF) 1 Page - Ericsson

Part # PGR20302
Description  PIN Receiver Module up to 3 Gb/s
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PGR20302 Datasheet(HTML) 1 Page - Ericsson

  PGR20302 Datasheet HTML 1Page - Ericsson PGR20302 Datasheet HTML 2Page - Ericsson PGR20302 Datasheet HTML 3Page - Ericsson PGR20302 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PIN Receiver Module
up to 3 Gb/s
PGR 203 02
Description
Fiber optic receiver front-end module for STM-16 and OC-48 WDM appli-
cations. The module includes an InGaAs PIN Photo Diode, with a low noise
GaAs MMIC preamplifier in a 14 pin butterfly package. The single-mode fiber
pigtail is terminated with a customer specified connector. The module
operates between 1250 and 1620 nm. The electrical outputs are AC-coupled
and differential.
Key Features
• Hermetic, 14 pin butterfly package with
multisourced footprint
• FC/PC, SC or ST connector
• InGaAs PIN photo diode with low noise
GaAs MMIC preamplifier
• AC-coupled, differential data output
• Operates between 1250 nm and
1620 nm
• 2.0 GHz minimum bandwidth
• -25 dBm typical sensitivity
• +0.5 dBm typical overload
Applications
• WDM
• SDH STM-16 SH
• SONET OC-48 IR
• Digital recievers to 3 Gb/s
• Analog receivers to 2.0 GHz
1


Similar Part No. - PGR20302

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
More results

Similar Description - PGR20302

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20312 ERICSSON-PGR20312 Datasheet
330Kb / 4P
   APD Receiver Module up to 3 Gb/s
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
logo
Optoway Technology Inc
SPS-9110V-2RG_2015 OPTOWAY-SPS-9110V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-1RG_2015 OPTOWAY-SPS-9380V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG_2015 OPTOWAY-SPS-9380V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9110V-1RG_2015 OPTOWAY-SPS-9110V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG_15 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com