Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6718 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6718
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6718 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6718 Datasheet HTML 1Page - Continental Device India Limited 2N6718 Datasheet HTML 2Page - Continental Device India Limited 2N6718 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N6718
TO-237
Plastic Package
General Purpose Medium Power Amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
100
V
Collector Emitter Voltage
VCEO
100
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
1.5
A
Total Power Dissipation
PD
850
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Cut off Current
ICBO
VCB=80V, IE=0
0.1
µA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
0.1
µA
DC Current Gain
hFE
IC=50mA,VCE=1V
80
IC=250mA,VCE=1V
50
250
IC=500mA,VCE=1V
20
Collector Emitter Saturation Voltage
VCE(sat)
IC=350mA,IB=35mA
0.35
V
Transition Frequency
fT
VCE=1V, IC=200mA,
50
500
MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
2N6718 ZETEX-2N6718 Datasheet
28Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Central Semiconductor C...
2N6718 CENTRAL-2N6718 Datasheet
50Kb / 1P
   Power Transistors
logo
Unisonic Technologies
2N6718 UTC-2N6718 Datasheet
100Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
2N6718 UTC-2N6718 Datasheet
159Kb / 4P
   NPN GENERAL PLANAR TRANSISTOR
logo
Diodes Incorporated
2N6718 DIODES-2N6718 Datasheet
32Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - 2N6718

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com