Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6519 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6519
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6519 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6519 Datasheet HTML 1Page - Continental Device India Limited 2N6519 Datasheet HTML 2Page - Continental Device India Limited 2N6519 Datasheet HTML 3Page - Continental Device India Limited 2N6519 Datasheet HTML 4Page - Continental Device India Limited 2N6519 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N6515, 2N6519
2N6516, 2N6520
2N6517
TO-92
Plastic Package
HIGH VOLTAGE TRANSISTORS
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2N6515 2N6516 2N6517
UNIT
2N6519 2N6520
Collector Emitter Voltage
VCEO
250
300
350
V
Collector Base Voltage
VCBO
250
300
350
V
Emitter Base Voltage
VEBO
NPN-------------------6------------------
V
PNP-------------------5------------------
V
Collector Current Continuous
IC
500
mA
Base Current (Continuous)
IB
250
mA
Total Power Dissipation @ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5.0
mW/ºC
Operating And Storage Junction
Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage BVCEO*IC=1mA,IB=0
2N6515
250
V
2N6516, 6519
300
V
2N6517, 6520
350
V
Collector Base Breakdown Voltage
BVCBO IC=100µA,IE=0
2N6515
250
V
2N6516, 6519
300
V
2N6517, 6520
350
V
Emitter Base Breakdown Voltage
BVEBO IE=10µA, IC=0
NPN
6V
PNP
5V
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6519 ONSEMI-2N6519 Datasheet
229Kb / 8P
   High Voltage Transistors
October, 2001 ??Rev. 3
logo
Samsung semiconductor
2N6519 SAMSUNG-2N6519 Datasheet
37Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6519 FAIRCHILD-2N6519 Datasheet
26Kb / 3P
   PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6519 MCC-2N6519 Datasheet
427Kb / 6P
   High Voltage Transistor 625mW
2N6519 MCC-2N6519 Datasheet
295Kb / 7P
   High Voltage Transistor 625mW
More results

Similar Description - 2N6519

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com