Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECO5-x-4809E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PECO5-x-4809E21LF
Description  PECO-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO5-x-4809E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PECO5-x-4809E21LF Datasheet HTML 1Page - PEAK electronics GmbH PECO5-x-4809E21LF Datasheet HTML 2Page - PEAK electronics GmbH PECO5-x-4809E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PECO-Series – PECO5-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Mi
n. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
PECO5-x-1205E2:1LF
9-18
20
555
5
250
1000
75
2200
PECO5-x-1209E2:1LF
9-18
20
534
9
138.8
555
78
470
PECO5-x-1212E2:1LF
9-18
20
514
12
104.3
417
81
470
PECO5-x-1215E2:1LF
9-18
20
520
15
83.3
333
80
470
PECO5-x-1224E2:1LF
9-18
20
520
24
52
208
80
220
PECO5-x-2405E2:1LF
18-36
12
267
5
250
1000
78
2200
PECO5-x-2409E2:1LF
18-36
12
260
9
138.8
555
80
470
PECO5-x-2412E2:1LF
18-36
12
254
12
104.3
417
82
470
PECO5-x-2415E2:1LF
18-36
12
254
15
83.3
333
82
470
PECO5-x-2424E2:1LF
18-36
12
254
24
52
208
82
220
PECO5-x-4805E2:1LF
36-72
8
135
5
250
1000
77
2200
PECO5-x-4809E2:1LF
36-72
8
131
9
138.8
555
79
470
PECO5-x-4812E2:1LF
36-72
8
130
12
104.3
417
80
470
PECO5-x-4815E2:1LF
36-72
8
130
15
83.3
333
80
470
PECO5-x-4824E2:1LF
36-72
8
130
24
52
208
80
220
DUAL OUTPUT
PECO5-x-1205Z2:1LF
9-18
20
541
± 5
± 125
± 500
77
± 1000
PECO5-x-1209Z2:1LF
9-18
20
520
± 9
± 69.5
± 278
80
± 220
PECO5-x-1212Z2:1LF
9-18
20
520
± 12
± 52
± 208
80
± 220
PECO5-x-1215Z2:1LF
9-18
20
520
± 15
± 41.8
± 167
80
± 220
PECO5-x-1224Z2:1LF
9-18
20
520
± 24
± 26
± 104
80
± 100
PECO5-x-2405Z2:1LF
18-36
12
267
± 5
± 125
± 500
78
± 1000
PECO5-x-2409Z2:1LF
18-36
12
260
± 9
± 69.5
± 278
80
± 220
PECO5-x-2412Z2:1LF
18-36
12
260
± 12
± 52
± 208
80
± 220
PECO5-x-2415Z2:1LF
18-36
12
260
± 15
± 41.8
± 167
80
± 220
PECO5-x-2424Z2:1LF
18-36
12
260
± 24
± 26
± 104
80
± 100
PECO5-x-4805Z2:1LF
36-72
8
131
± 5
± 125
± 500
79
± 1000
PECO5-x-4809Z2:1LF
36-72
8
131
± 9
± 69.5
± 278
79
± 220
PECO5-x-4812Z2:1LF
36-72
8
130
± 12
± 52
± 208
80
± 220
PECO5-x-4815Z2:1LF
36-72
8
130
± 15
± 41.8
± 167
80
± 220
PECO5-x-4824Z2:1LF
36-72
8
130
± 24
± 26
± 104
80
± 100
If you need other specifications, please enquire.
*OPTIONS:
PINNING “A” / “B” / “C”
Please see table on page 3 and choose
your pinning.
(PECO5-A-2412E2:1LF for Pinning “A”)
3.5 kV I/O Isolation
For optional 3.5kV DC I/O Isolation,
please add “H35” before (M)LF!
(PECO5-A-2412E2:1H35LF)
Metal case
For optional Metal case, please add “M”
before LF!
(PECO5-A-2412E2:1H35MLF)


Similar Part No. - PECO5-x-4809E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO1-x-0505E21LF PEAK-PECO1-x-0505E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0505Z21LF PEAK-PECO1-x-0505Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0509E21LF PEAK-PECO1-x-0509E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0509Z21LF PEAK-PECO1-x-0509Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0512E21LF PEAK-PECO1-x-0512E21LF Datasheet
149Kb / 4P
   PECO-SERIES
More results

Similar Description - PECO5-x-4809E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO3 PEAK-PECO3_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO6 PEAK-PECO6_14 Datasheet
146Kb / 3P
   PECO-SERIES
PECO4 PEAK-PECO4_14 Datasheet
146Kb / 3P
   PECO-SERIES
PECO1 PEAK-PECO1_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO2 PEAK-PECO2_14 Datasheet
149Kb / 4P
   PECO-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com