Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPM26-H-3R3ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PPM26-H-3R3ELF
Description  PPM-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PPM26-H-3R3ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PPM26-H-3R3ELF Datasheet HTML 1Page - PEAK electronics GmbH PPM26-H-3R3ELF Datasheet HTML 2Page - PEAK electronics GmbH PPM26-H-3R3ELF Datasheet HTML 3Page - PEAK electronics GmbH PPM26-H-3R3ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PPM-Series – PPM40-H-xxELF – Single Output - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
App Notes:
Trim Application & Trim Calculation
Application circuit for TRIM
(Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Formula for resistance of Trim
up:
a=
Vref
Vot-Vref
R1
R =
T
aR2
R -a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R =
T
aR1
R -a
1
-R3
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings.
Vo(V)
Resistance
3.3
5V
12V
24V
R1(K )
2
3.3
3.83
8.66
R2(K )
1.2
3.3
1
1
R3(K )
1
1
1
1
Vref(V)
1.24
2.5
2.5
2.5
Vot(V)
Output voltage of Trim, variation ≤ ±10%
EMC
EMI
EN55022, Class B
EMS
ESD IEC/EN 61000-4-2 ±6kV/8kV
perf. Criteria B
RS IEC/EN 61000-4-3 10V/m
perf. Criteria A
EFT IEC/EN 61000-4-4 ±2kV (without external circuit)
perf. Criteria B
IEC/EN 61000-4-4 ±4kV (with typical application, fig 3)
Surge IEC/EN 61000-4-5 ±1kV/±2kV (without external circuit) perf. Criteria B
IEC/EN 61000-4-5 ±2kV/±4kV (with typical application, fig 3)
CS IEC/EN 61000-4-6 10 Vr.m.s.
perf. Criteria A
PFM IEC/EN 61000-4-8 10A/m
perf. Criteria A
Voltage dips, short and interruption immunity IEC/EN 61000-4-11 95% 5000ms
perf. Criteria B
Parallel Lines Measure
AC-DC
+Vo
-Vo
FU SE
L
N
2 5 . 4 mm
2 5 . 4 mm
C1
C2
1 2 . 7 mm
C o p p e r sh e e t
C o n n e ct
Oscillo g ra p h Pro b e
L o a d
L
N
Note: C1: 1µF (Ceramic capacitor) C2: 10µF (Electrolytic capacitor)


Similar Part No. - PPM26-H-3R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM2.5-SIP-05ELF PEAK-PPM2.5-SIP-05ELF Datasheet
457Kb / 3P
   Over Temperature Protection
PPM20-D-0505DLF PEAK-PPM20-D-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
PPM20-D-0505ZSLF PEAK-PPM20-D-0505ZSLF Datasheet
84Kb / 3P
   5 - 20 W AC/DC CONVERTER ISOL./SEP. TWIN OUTPUT
PPM20-D-0512DLF PEAK-PPM20-D-0512DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
PPM20-D-0512ZSLF PEAK-PPM20-D-0512ZSLF Datasheet
84Kb / 3P
   5 - 20 W AC/DC CONVERTER ISOL./SEP. TWIN OUTPUT
More results

Similar Description - PPM26-H-3R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-E-3R3ELF PEAK-PPM05-E-3R3ELF Datasheet
215Kb / 3P
   PPM-SERIES
PPM10-E-05ELF PEAK-PPM10-E-05ELF Datasheet
183Kb / 3P
   PPM-SERIES
PPM50-G-05ELF PEAK-PPM50-G-05ELF Datasheet
154Kb / 4P
   PPM-SERIES
PPM165-SIP PEAK-PPM165-SIP Datasheet
173Kb / 3P
   PPM-SIP-SERIES
logo
CRYSTEK CORPORATION
CRBSCS-01-1244.160 CRYSTEKMICROWAVE-CRBSCS-01-1244.160 Datasheet
192Kb / 2P
   3 ppm 1st year, 1 ppm every year thereafter
logo
List of Unclassifed Man...
HS9812R-PPM ETC1-HS9812R-PPM Datasheet
67Kb / 3P
   PPM MULTIPLEX RECEIVER/DECODER
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
logo
Texas Instruments
REF3112-Q1 TI1-REF3112-Q1 Datasheet
573Kb / 23P
[Old version datasheet]   15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
REF3212-EP TI-REF3212-EP_15 Datasheet
352Kb / 22P
[Old version datasheet]   4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
REF3212-EP TI1-REF3212-EP Datasheet
443Kb / 22P
[Old version datasheet]   4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com