Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGT20306 Datasheet(PDF) 3 Page - Ericsson

Part # PGT20306
Description  DFB/EA Laser Module for 2.5 Gb/s Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PGT20306 Datasheet(HTML) 3 Page - Ericsson

  PGT20306 Datasheet HTML 1Page - Ericsson PGT20306 Datasheet HTML 2Page - Ericsson PGT20306 Datasheet HTML 3Page - Ericsson PGT20306 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PGT 203 06
3
Optical Characteristics
Electrical and optical characteristics at recommended operating conditions, unless otherwise noted.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Wavelength
ITU-T grid
λ
1530
1564
nm
Output power
BOL
P
out
-3
dBm
Extinction ratio
2.5 V
pp
ER
10
dB
Dispersion penalty
@ 9000 ps/nm disp.
1.5
dB
Side mode suppr.ratio
SMSR
35
dB
Optical isolation
30
dB
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Current
I
op
50
100
mA
Treshold Current
I
th
25
mA
Forward Voltage
V
f
2V
Reflection E/E
0-3 GHz
S
11
-10
dB
Small signal modulation bandwidth
-3 dB
e
f
c
3
GHz
Rise/Fall time
20/80%
t
r/tf
125
ps
Monitor current
0.1
1
mA
Monitor dark current
-5 V
5
100
nA
Thermistor resistance
@ 25
°C
9.5
10.5
k
TEC
Voltage
-2.5
2.5
V
Current
-1.2
1.2
A
Power
3W
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating Case Temperature
T
Case
070
°C
Operating Chip Temperature
T
op
20
35
°C
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Storage Temperature, maximum duration 12 months
T
Stg
-40
85
°C
Laser forward current
I
LD
150
mA
Modulator voltage
V
mod
-4
1
V
CAUTION: Stresses outside those listed in ”Absolute Maximum Ratings” may cause permanent damage to the device.


Similar Part No. - PGT20306

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results

Similar Description - PGT20306

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com