Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC2500099 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # GC2500099
Description  25MHz Jitter Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

GC2500099 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  GC2500099 Datasheet HTML 1Page - Pericom Semiconductor Corporation GC2500099 Datasheet HTML 2Page - Pericom Semiconductor Corporation GC2500099 Datasheet HTML 3Page - Pericom Semiconductor Corporation GC2500099 Datasheet HTML 4Page - Pericom Semiconductor Corporation GC2500099 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PI6CX201A
Rev. C
01/03/2012
PI6CX201A
25MHz Jitter Attenuator
Application Diagram
X1
1
VC
2
AGND
3
LF
4
5
6
7
8
S0
S1
X2
18
XGND
15
CLK _OUT1
14
AVDD
13
12
11
17
DVDD
16
LD
CLK _OUT2
DGND
25 MHz (SaRonix-eCera GC2500065 commercial temp)
C2
C1 R1
S2
FREE_RUN
9
10
20
FB_CLK
19
REF_CLK
VDD
.01µF
VDD
.01µF
.01µF
10µF
DGND
DVDD
VDD
Ferrite bead
(SaRonix-eCera GC2500099 industrial temp)
Notes:
1.Afeedbackclockisrequiredforlock.Pin15canbeconnectedtopin12asshownabove.
2.ThenetworkR1,C1:C2comprisestheexternalloopfilter.Theloopbandwidthandjitterpeakingprofilesaresetby
changingthesevalues.Pleaseconsultfactorytomeetyourrequirement.
3.ThecrystalandloopfiltercomponentsshouldbeplacedonthesamesideoftheboardastheIC.Componentsshould
beplacedascloseaspossibletoIC(within300mils).
4.Agroundringshouldenclosetheloopfilterrcomponentsalongwithpins2and4.
12-0150


Similar Part No. - GC2500099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC250 ETC1-GC250 Datasheet
159Kb / 2P
   STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
GC2502M5 ETC2-GC2502M5 Datasheet
655Kb / 12P
   MODULAR COMPONENTS
GC2504M5 ETC2-GC2504M5 Datasheet
655Kb / 12P
   MODULAR COMPONENTS
More results

Similar Description - GC2500099

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874003D-02 RENESAS-ICS874003D-02 Datasheet
574Kb / 16P
   Jitter Attenuator
2019
logo
M/A-COM Technology Solu...
28326-BRF-001-A MA-COM-28326-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28324-BRF-001-A MA-COM-28324-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28320-BRF-001-A MA-COM-28320-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
logo
List of Unclassifed Man...
CS61600 ETC1-CS61600 Datasheet
149Kb / 14P
   PCM JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28324-BRF-001-A MA-COM-28324-BRF-001-A Datasheet
109Kb / 2P
   M28324 Digital Jitter-Attenuator
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com