Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF2512 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PF2512
Description  RoHS compliant & Halogen free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF2512 Datasheet(HTML) 5 Page - YAGEO Corporation

  PF2512 Datasheet HTML 1Page - YAGEO Corporation PF2512 Datasheet HTML 2Page - YAGEO Corporation PF2512 Datasheet HTML 3Page - YAGEO Corporation PF2512 Datasheet HTML 4Page - YAGEO Corporation PF2512 Datasheet HTML 5Page - YAGEO Corporation PF2512 Datasheet HTML 6Page - YAGEO Corporation PF2512 Datasheet HTML 7Page - YAGEO Corporation PF2512 Datasheet HTML 8Page - YAGEO Corporation PF2512 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
5
10
SERIES
PR/PF/PH
0805/1206/2512/0815
CONSTRUCTION
The resistors are constructed using outstanding TCR level material, which makes Yageo PR/PF/PH resistors
excellent for current sensing application in battery charger circuit & DC-DC converter.
The composition of the resistive material is adjusted to give the approximate required resistance and is
covered with a protective coating, which printed with the resistance value.
Finally, the three external terminations (Cu / Ni / matte Tin) are added, as shown in Fig. 4.
H
W
I1
protective coat
marking
L
I2
end termination
metal substrate
protective coat
end termination
001
I1
I2
H
W
marking layer
protective coat
inner electrode
protective coat
resistive layer
(metal foil)
ceramic substrate
L
0 0
end termination
I1
I2
W
H
L
YNSC105
marking layer
protective coat
inner electrode
protective coat
resistive layer (metal foil)
ceramic substrate
Fig. 5 Chip resistor outlines
O
Ou
uttlliin
neess
For dimensions, please refer to Table 1
PR series
PF / PH series
Note: construction will be adjusted to
resistance value (only for PF series).
PF 0815 series
TYPE
RESISTANCE RANGE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
PF/PH0805
0.01 to 0.05 Ω
2.03 ±0.25
1.27 ±0.25
0.33 ±0.12
0.38 ±0.25
0.38 ±0.25
PF/PH1206
0.01 to 0.05 Ω
3.20 ±0.25
1.60 ±0.25
0.60 ±0.25
0.50 ±0.25
0.65 ±0.25
PF0815
0.01 to 0.02 Ω
2.15 ±0.20
3.75 ±0.25
0.65 ±0.25
0.65 ±0.25
0.70 ±0.25
0.006 Ω
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.85 ±0.25
0.007 to 0.015 Ω
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.55 ±0.25
0.02 to 0.05 Ω (1W)
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
1.30 ±0.25
0.75 ±0.25
PF2512
0.02 to 0.05 Ω (2W)
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.30 ±0.25
0.001 to 0.002 Ω
6.40 ±0.20
3.20 ±0.20
0.75 ±0.15
1.20 ±0.20
1.20 ±0.20
PR2512
0.003 to 0.005 Ω
6.40 ±0.20
3.20 ±0.20
0.55 ±0.15
0.60 ±0.20
0.60 ±0.20
Table 1 For outlines, please refer to Fig. 5
DIMENSION


Similar Part No. - PF2512

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF251 MCC-PF251 Datasheet
89Kb / 2P
   25Amp Fast Recover Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF251 CHENYI-PF251 Datasheet
332Kb / 2P
   25Amp fast recover rectifier 50to1000 volts
logo
Micro Commercial Compon...
PF251 MCC-PF251 Datasheet
417Kb / 3P
   25Amp Rectifier 50 to 600 Volts
logo
Won-Top Electronics
PF2510 WTE-PF2510 Datasheet
23Kb / 2P
   25A 1/2 PRESS-FIT DIODE
logo
Connor-Winfield Corpora...
PF251HF-010.0M CONNOR-WINFIELD-PF251HF-010.0M Datasheet
182Kb / 4P
   Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
More results

Similar Description - PF2512

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com