Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3053 Datasheet(PDF) 6 Page - Alpha Wire

Part # 3053
Description  Hook-Up Wire
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3053 Datasheet(HTML) 6 Page - Alpha Wire

Back Button 3053 Datasheet HTML 2Page - Alpha Wire 3053 Datasheet HTML 3Page - Alpha Wire 3053 Datasheet HTML 4Page - Alpha Wire 3053 Datasheet HTML 5Page - Alpha Wire 3053 Datasheet HTML 6Page - Alpha Wire 3053 Datasheet HTML 7Page - Alpha Wire 3053 Datasheet HTML 8Page - Alpha Wire 3053 Datasheet HTML 9Page - Alpha Wire 3053 Datasheet HTML 10Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
382
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
UL AWM 1015, 1028, 1230,
1231, 1232, 1283, 1284 VW-1
UL MTW, TW (14 to 8 AWG),
THW (6 to 1/0 AWG)
CSA AWM I A/B FT1 and
TEW-105
Operating Temperature
• -40°C to +105°C (AWM, TEW)
• -40°C to +90°C (MTW)
• -40°C to +75°C (THW)
• -40°C to +60°C (TW)
Materials
• Stranded bare copper
conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
UL
Style
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
461816
18
0.81
16/30
16 x 0.25 0.032
0.81
0.111
2.82
1015,
1230
461626
16
1.32
26/30
26 x 0.25 0.032
0.81
0.124
3.15
1015,
1230
461419
14
2.07
19/0.0147 19 x 0.37 0.032
0.81
0.138
3.51
1015,
1230
461219
12
3.29
19/0.0185 19 x 0.47 0.032
0.81
0.157
3.99
1015,
1230
461265
12
3.29
65/0.010
65 x 0.25
0.031
0.79
0.153
3.89
1015,
1230
461019
10
5.26
19/0.0234 19 x 0.59 0.032
0.81
0.181
4.60
1015,
1230
460819
8
8.38
19/0.0295 19 x 0.75 0.047
1.19
0.242
6.15
1028,
1231
460619
6
13.32
19/0.0372 19 x 0.94 0.063
1.59
0.311
7.90
1283,
1232
460419
4
21.09
19/0.0469 19 x 1.19
0.063
1.59
0.360
9.14
1283,
1232
460219
2
33.63
19/0.0591 19 x 1.50 0.063
1.59
0.421
10.69
1283,
1232
460001
1/0
53.39
19/0.0745 19 x 1.89 0.078
1.98
0.529
13.44
1284,
1232
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange


Similar Part No. - 3053

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3053 KR-3053 Datasheet
34Kb / 2P
   Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3053 ETC2-3053 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Alpha Wire
3053 ALPHAWIRE-3053 Datasheet
70Kb / 3P
   Customer Specification
logo
API Technologies Corp
3053 APITECH-3053 Datasheet
610Kb / 2P
   Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3053 HEYCO-3053 Datasheet
117Kb / 1P
   Pry Out Plugs
More results

Similar Description - 3053

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
   HOOK UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2003A GENERAL-C2003A Datasheet
73Kb / 1P
   HOOK-UP WIRE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com