Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHN11024 Datasheet(PDF) 5 Page - International Rectifier

Part # AHN11024
Description  Slim and compact size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN11024 Datasheet(HTML) 5 Page - International Rectifier

  AHN11024 Datasheet HTML 1Page - International Rectifier AHN11024 Datasheet HTML 2Page - International Rectifier AHN11024 Datasheet HTML 3Page - International Rectifier AHN11024 Datasheet HTML 4Page - International Rectifier AHN11024 Datasheet HTML 5Page - International Rectifier AHN11024 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
SAFETY STANDARDS
* CSA standard: Certified by C-UL
** Please consult us.
File No.
Certification authority: UL/C-UL
File No.
Certification authority: VDE
1 Form C
E43149*
10A 277V AC, 10A 30V DC
40012003
10A 250V AC (cos
φ=1.0), 10A 30V DC (0ms)
2 Form C
E43149*
5A 277V AC, 5A 30V DC
40012003
5A 250V AC (cos
φ=1.0), 5A 30V DC (0ms)
1 Form A (TM type)
E43149*
16A 277V AC, 16A 30V DC, TV-5
**
2. Plug-in type 2 Form C
External dimensions
19.4
7.5
Max. 28
Max. 29
Max. 13
6
8.9
0.5
0.5
2.6
2.6
55
.764
.295
Max. 1.102
Max. 1.142
Max. .512
.236
.020
.020
.102
.102
.197 .197
.350
Schematic (Bottom view)
Standard type
3
87
6
5
4
2
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
12
4
5
6
7
8
3
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
3. TM type 1 Form A
External dimensions
#187 tab terminal
8.5
17.5
7.5
Max. 30
Max. 45
Max. 13
Max. 29
0.5
2.5
3.7
5.2
0.5
4.75
4.75
.335
.389
.295
Max. 1.181
Max. 1.772
Max. .512
Max. 1.142
.020
.098
.146
.205
.020
.187
.187
Notes: 1. When mounting the TM type, since the
cover is made from polycarbonate, please
use a washer in order to prevent damage,
deformation, and loosening.
2. Suitable tightening torque is 0.3 to 0.5 N·m.
Schematic
Mounting hole dimensions
1
5
43
38
2-M3 or 2-3.5 dia.
1.496
2-.118 or 2-.138 dia.
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - AHN11024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHN11024 PANASONIC-AHN11024 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
More results

Similar Description - AHN11024

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
AAEON Technology
DSS-TN40 AAEON-DSS-TN40 Datasheet
232Kb / 2P
   Slim and Compact Digital Signage System
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com