Electronic Components Datasheet Search |
|
AHN22006N Datasheet(PDF) 3 Page - International Rectifier |
|
AHN22006N Datasheet(HTML) 3 Page - International Rectifier |
3 / 6 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HN (AHN) ASCTB5E 201212-T RATING 1. Coil data 1) DC coils 2) AC coils (50/60Hz) 2. Specifications (Plug-in Standard type and TM type) Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. For the AC coil types, the operate/release time will differ depending on the phase. *3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage conditions in NOTES. Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal coil current [ ±20%] Coil resistance (at 20 °C 68°F) Nominal operating power Max. applied voltage (at 20 °C 68°F) 5V DC 70%V or less of nominal voltage (Initial) 15%V or more of nominal voltage (Initial) 106.4mA 47 Ω [±10%] 0.53W 170%V of nominal voltage 6V DC 88.2mA 68 Ω [±10%] 12V DC 44.4mA 270 Ω [±10%] 24V DC 22.0mA 1,090 Ω [±10%] 48V DC 11.0mA 4,350 Ω [±10%] 100V DC 5.3mA 18,870 Ω [±10%] 110V DC 4.8mA 22,830 Ω [±10%] Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal coil current [ ±20%] Nominal operating power Max. applied voltage (at 20 °C 68°F) 50Hz 60Hz 50Hz 60Hz 12V AC 80%V or less of nominal voltage (Initial) 30%V or more of nominal voltage (Initial) 93mA 75mA Approx. 1.1 to 1.4 V A Approx. 0.9 to 1.2 V A 140%V of nominal voltage 24V AC 46.5mA 37.5mA 100/110V AC 11.0/13.0mA 9.0/10.6mA 110/120V AC 10.0/11.8mA 8.2/9.7mA 200/220V AC 5.5/6.5mA 4.5/5.3mA 220/240V AC 5.0/5.9mA 4.1/4.8mA Characteristics Item Specifications Contact Arrangement 1 Form C 2 Form C 1 Form A (TM type) Contact resistance (Initial) Max. 100 m Ω (By voltage drop 6 V DC 1A) Max. 50 m Ω (By voltage drop 6 V DC 1A) Max. 100 m Ω (By voltage drop 6 V DC 1A) Contact material AgSnO2 type AgNi type AgSnO2 type Rating Nominal switching capacity (resistive load) 10A 250V AC, 10A 30V DC 5A 250V AC, 5A 30V DC 16A 250V AC, 16A 30V DC Max. switching power (resistive load) 4,000VA, 300W 1,250VA, 150W 4,000VA, 480W Max. switching voltage 250V AC, 30V DC Max. switching current 16A (at AC load), 10A (at DC load) 5A 16A Nominal operating power 0.53W, 0.9VA Min. switching capacity (Reference value)*1 100mA 5V DC 1mA 1V DC 100mA 5V DC Electrical characteristics Insulation resistance (Initial) Min. 1,000M Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section. Breakdown voltage (Initial) Between open contacts 1,000 Vrms for 1min. (Detection current: 10mA.) Between contact sets — 3,000 Vrms for 1min. (Detection current: 10mA.) — Between contact and coil 5,000 Vrms for 1min. (Detection current: 10mA.) Temperature rise (coil) (at 70 °C 158°F) Max. 60 °C 140°F (By resistive method, nominal coil voltage) Operate time (at 20 °C 68°F)*2 Max. 15ms (Nominal coil voltage applied to the coil, excluding contact bounce time.) Release time (at 20 °C 68°F)*2 Max. 5ms (Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)/Max. 20ms (with diode) Mechanical characteristics Shock resistance Functional Min. 100 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10 µs.) Destructive Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.) Vibration resistance Functional 10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10 µs.) Destructive 10 to 55 Hz at double amplitude of 1.5 mm Expected life Mechanical AC: Min. 107; DC: Min. 2 ×107 (at 300 times/min.) Electrical (at nominal switching capacity) Min. 105 (at 20 times/min.) Min. 105 (at 10 times/min.) Conditions Conditions for operation, transport and storage*3 (Not freezing and condensing at low temperature) Ambient temperature: –40 °C to +70°C –40°F to +158°F Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Max. Operating speed 20 times/min. (at nominal switching capacity) 10 times/min. (at nominal switching capacity) Unit weight Approx. 19 g .67 oz Approx. 17 g .60 oz Approx. 19 g .67 oz |
Similar Part No. - AHN22006N |
|
Similar Description - AHN22006N |