Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB6M-A1P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AB6M-A1P
Description  A6 Series Miniature Switches and Pilot Devices 16mm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6M-A1P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AB6M-A1P Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 9Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 10Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 11Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 12Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 13Page - List of Unclassifed Manufacturers AB6M-A1P Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
16mm A6
467
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
Appearance
Description
Used With
Part Number
Flush Bezel
ø24mm round, metal (aluminum color), panel cut-out ø20.2mm
Pushbuttons, pilot lights, illuminated
pushbutton, selector switches, key
selector switches and illuminated selec-
tor switches.
A6 Switch
+
Flush Bezel
=
Flush Switch
LA9Z-SM61
ø24mm round, plastic (black), square panel cut-out ø20.2mm
LA9Z-S61B
24mm square, plastic (black), panel cut-out 20.2 x 20.2mm
LA9Z-S71B
24 x 30mm rectangular, plastic (black), rectangular
panel cut-out ø20.2 x 26.2mm
LA9Z-S81B
Switch Guard
w/ Flush Bezel
(spring return)
Rectangular, plastic (black)
LA9Z-KS8
Schematics — A Series: 5/8” (16mm)
Terminal Arrangement (Top View)
Illuminated Pushbuttons
Non-illuminated Pushbuttons and
Selector Switches
Pilot Lights
NC1
NO1
C1
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
NC1
NO1
C1
NC2
NO2
C2
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
NC1
NO1
C1
(TOP)
NC1
NO1
C1
NC2
NO2
C2
(TOP)
Lamp
Terminal (+)
Lamp
Terminal (–)
(TOP)
SPDT Contact
(Single-pole/Double Throw)
DPDT Contact
(Double-pole/Double Throw)
SPDT Contact
(Single-pole/Double
Throw)
DPDT Contact
(Double-pole/Double
Throw)
IDEC’s Superbright LED Internal Circuits
LATD-1,-2,-6 (GS)
LATD-5 (ARWY)
LED Chip
Protective Diode
Zener Diode
LATD-1,-2,-6 (ARWY)
LATD-5 (GS)


Similar Part No. - AB6M-A1P

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB6 ALTECH-AB6 Datasheet
283Kb / 1P
   30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
List of Unclassifed Man...
AB6-115AC ETC2-AB6-115AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-230AC ETC2-AB6-230AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
More results

Similar Description - AB6M-A1P

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
Tyco Electronics
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com