Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB6Q-A2P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AB6Q-A2P
Description  A6 Series Miniature Switches and Pilot Devices 16mm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6Q-A2P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AB6Q-A2P Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 9Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 10Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 11Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 12Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 13Page - List of Unclassifed Manufacturers AB6Q-A2P Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
16mm A6
466
www.idec.com
Switches & Pilot Devices
Accessories
Appearance
Description
Used With
Part Number
Locking Ring
Wrench
Made of metal. Used for tightening plastic locking ring during
installation. Tightening torque should not exceed 3kgf-cm
Ø 5/8” (16mm) units
MT-001
Ø 31/64” (12mm) AP2M units
MT-002
Ø 13/32” (10mm) AP1M units
MT-003
Lens Removal Tool
Made of metal. Used for removing lens or button from the
housing
All pushbuttons and pilot lights
MT-101
Lamp Holder Tool
Made of rubber. Used for removing and replacing LED lamps
in illuminated units
All illuminated pushbuttons and pilot
lights
OR-77
Switch Guard
Prevents inadvertent switch operation. IP40 dust-tight.
90 degrees opening maintained
Round/Square
AL-K6
Rectangular
AL-KH6
Prevents inadvertent switch operation. IP65 oiltight
180 degrees opening, spring return
Round/Square
AL-K6SP
Rectangular
AL-KH6SP
Terminal Cover
Made of translucent nylon. Fits over and shields the terminals
All 5/8” (16mm) units
AL-V6
Dust Cover
Fits over the lens or button to provide extra protection from
dust (not applicable for oversize lenses or buttons).
All round units
AL-D6
All square units
AL-DQ6
All rectangular units
AL-DH6
Adaptor Socket
Plug-on terminal adaptor with solder terminals
All 5/8” (16mm) units
AL-C6
Plug-on terminal adaptor with PCB terminals
AL-C6V
Mounting Hole Plug
Fills unused panel cutouts. Made of nitrile rubber. Push-in
installation from front of panel. IP65 (oiltight).
Rubber
AL-B6
Fills unused panel cutouts. Made of aluminum. Screw-on
locking ring from inside of panel. IP65 (oiltight).
Aluminum
AL-BM6
Round Mounting Hole Plug
Plastic (Applicable for flush mount
switches only)
LA9Z-BS6
Square Mounting Hole Plug
LA9Z-BS7
Rectangular Mounting Hole Plug
LA9Z-BS8
Replacement
LED Lamps
LED with built in current limiting resistor (with all
illuminated assemblies).
5V DC
LATD-5 k
6V AC/DC
LATD-6 k
12V AC/DC
LATD-1 k
24V AC/DC
LATD-2 k
Replacement
Locking Ring
Fastens operators to panel (included with
all operators).
All switches & pilot lights
HA9Z-LN
Anti-Rotation Ring
Prevents rotation of switches in panel
(included with all operators).
All switches & pilot lights
AL6-LP
Replacement
Engraving Inserts
Engraving plates to allow legends underneath translucent
lenses (included with all lenses).
Round standard
AL6M-W
Square standard
AL6Q-W
Rectangular standard
AL6H-W
Round oversize
AL6M-MW
Square/rectangular oversize
AL6Q-QW
Replacement Keys
Pair of keys (#132).
All key switches use same standard key.
All key selectors
AS6-SK
1. In place of k specify color code. A=Amber, G=Green, Y=Yellow, R=Red, S=Blue, W=Warm White, JW=Cool White.
2. LEDs include built-in current limiting resistor and reverse polarity protection diode.


Similar Part No. - AB6Q-A2P

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB6 ALTECH-AB6 Datasheet
283Kb / 1P
   30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
List of Unclassifed Man...
AB6-115AC ETC2-AB6-115AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-230AC ETC2-AB6-230AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
More results

Similar Description - AB6Q-A2P

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
Tyco Electronics
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com