Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB6H-A2P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AB6H-A2P
Description  A6 Series Miniature Switches and Pilot Devices 16mm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6H-A2P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AB6H-A2P Datasheet HTML 1Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 2Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 3Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 4Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 5Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6H-A2P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
16mm A6
460
www.idec.com
Switches & Pilot Devices
AL6 Illuminated Pushbuttons (Assembled)
LED Illuminated Pushbuttons
Description
Style
Contact
Part Numbers
Momentary
Maintained (Latching)
Dustproof (IP40)
Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Standard
Lens
Round (18mm lens)
SPDT
DPDT
AL6M-M1l-k
AL6M-M2l-k
AL6M-M1lP-k
AL6M-M2lP-k
AL6M-A1l-k
AL6M-A2l-k
AL6M-A1lP-k
AL6M-A2lP-k
Square (18mm lens)
SPDT
DPDT
AL6Q-M1l-k
AL6Q-M2l-k
AL6Q-M1lP-k
AL6Q-M2lP-k
AL6Q-A1l-k
AL6Q-A2l-k
AL6Q-A1lP-k
AL6Q-A2lP-k
Rectangular (18mm x
24mm lens)
SPDT
DPDT
AL6H-M1l-k
AL6H-M2l-k
AL6H-M1lP-k
AL6H-M2lP-k
AL6H-A1l-k
AL6H-A2l-k
AL6H-A1lP-k
AL6H-A2lP-k
Oversize
Lens
Round (24mm lens)
SPDT
DPDT
AL6M-M1lP-Mk
AL6M-M2lP-Mk
AL6M-A1lP-Mk
AL6M-A2lP-Mk
Square (24mm lens)
SPDT
DPDT
AL6Q-M1lP-Qk
AL6Q-M2lP-Qk
AL6Q-A1lP-Qk
AL6Q-A2lP-Qk
Rectangular (18mm x
24mm lens)
SPDT
DPDT
AL6Q-M1lP-Hk
AL6Q-M2lP-Hk
AL6Q-A1lP-Hk
AL6Q-A2lP-Hk
1. In place of k, specify Lens/LED Color Code from table below.
2. In place of l, specify Voltage Code from table below.
3. Lamps also available in 5V DC, 6V AC/DC or 12 V AC/DC, change “4” using voltage/lamp codes (ie AL6M-M13-k uses 12V AC/DC LED).
4. LED lamp is included in unit and contains a current-limiting resistor and a protection diode. (External resistor not required.)
5. To order as sub-assembled, see page 461.
6. For accessories, see page 466.
7. For dimensions, see page 468.
8. Light independent of switch position.
kLens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4


Similar Part No. - AB6H-A2P

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB6 ALTECH-AB6 Datasheet
283Kb / 1P
   30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
List of Unclassifed Man...
AB6-115AC ETC2-AB6-115AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-230AC ETC2-AB6-230AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
More results

Similar Description - AB6H-A2P

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
Tyco Electronics
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com