Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHN210X1N Datasheet(PDF) 1 Page - International Rectifier

Part # AHN210X1N
Description  Slim and compact size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN210X1N Datasheet(HTML) 1 Page - International Rectifier

  AHN210X1N Datasheet HTML 1Page - International Rectifier AHN210X1N Datasheet HTML 2Page - International Rectifier AHN210X1N Datasheet HTML 3Page - International Rectifier AHN210X1N Datasheet HTML 4Page - International Rectifier AHN210X1N Datasheet HTML 5Page - International Rectifier AHN210X1N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
ORDERING INFORMATION
Relay for control panel of
1c 10A, 2c 5A and 1a 16A
HN RELAYS (AHN)
VDE
RoHS compliant
FEATURES
1. Slim and compact size
20% smaller (width and height) than
existing model* (with the condition of
screw terminal socket for DIN rail)
*Compared with our HC/HJ relay.
2. High-capacity
Max. switching current:
16 A (for 1 Form C type at AC load)
Highly reliable contact (for 2 Form C
type).
3. Environmentally friendly
Cadmium-free contacts and lead-free
solder are used.
4. Slim screw terminal socket and PC
board terminal socket
Utilizes relay-securing hook for easy
relay removal.
One-touch relay removal possible.
Terminal sockets with finger protect
function available.
5. Full lineup
We added a TM type that can be built into
devices.
TYPICAL APPLICATIONS
Control panels
Power supply units
Molding machines
Machine tools
Welding equipment
Agricultural equipment
Office equipment
Vending machines
Communications equipment
Amusement machines, etc.
HN relays
Contact arrangement
1: 1 Form C
2: 2 Form C
3: 1 Form A (TM type only)
AHN
Terminal arrangement
1: AC plug-in type
2: DC plug-in type
5: AC TM type
6: DC TM type
Nominal coil voltage
05:
X0:
X1:
Y0:
Y2:
5 V, 06: 6 V, 12: 12 V, 24: 24 V, 48: 48 V
100/110 V AC, 100 V DC
110/120 V AC, 110 V DC
200/220 V AC
220/240 V AC
Type
N:
Nil:
New 2 Form C type
1 Form C type, 1 Form A type
Type classification
0: Standard
1: With LED indication
2: With diode
3: With diode and LED indication
Note: Certified by UL/C-UL and VDE
(Please consult us for VDE approved TM type.)


Similar Part No. - AHN210X1N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHN210X1N PANASONIC-AHN210X1N Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
More results

Similar Description - AHN210X1N

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
AAEON Technology
DSS-TN40 AAEON-DSS-TN40 Datasheet
232Kb / 2P
   Slim and Compact Digital Signage System
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com