Electronic Components Datasheet Search |
|
AL6M-M2l Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
AL6M-M2l Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 14 page 16mm A6 466 www.idec.com Switches & Pilot Devices Accessories Appearance Description Used With Part Number Locking Ring Wrench Made of metal. Used for tightening plastic locking ring during installation. Tightening torque should not exceed 3kgf-cm Ø 5/8” (16mm) units MT-001 Ø 31/64” (12mm) AP2M units MT-002 Ø 13/32” (10mm) AP1M units MT-003 Lens Removal Tool Made of metal. Used for removing lens or button from the housing All pushbuttons and pilot lights MT-101 Lamp Holder Tool Made of rubber. Used for removing and replacing LED lamps in illuminated units All illuminated pushbuttons and pilot lights OR-77 Switch Guard Prevents inadvertent switch operation. IP40 dust-tight. 90 degrees opening maintained Round/Square AL-K6 Rectangular AL-KH6 Prevents inadvertent switch operation. IP65 oiltight 180 degrees opening, spring return Round/Square AL-K6SP Rectangular AL-KH6SP Terminal Cover Made of translucent nylon. Fits over and shields the terminals All 5/8” (16mm) units AL-V6 Dust Cover Fits over the lens or button to provide extra protection from dust (not applicable for oversize lenses or buttons). All round units AL-D6 All square units AL-DQ6 All rectangular units AL-DH6 Adaptor Socket Plug-on terminal adaptor with solder terminals All 5/8” (16mm) units AL-C6 Plug-on terminal adaptor with PCB terminals AL-C6V Mounting Hole Plug Fills unused panel cutouts. Made of nitrile rubber. Push-in installation from front of panel. IP65 (oiltight). Rubber AL-B6 Fills unused panel cutouts. Made of aluminum. Screw-on locking ring from inside of panel. IP65 (oiltight). Aluminum AL-BM6 Round Mounting Hole Plug Plastic (Applicable for flush mount switches only) LA9Z-BS6 Square Mounting Hole Plug LA9Z-BS7 Rectangular Mounting Hole Plug LA9Z-BS8 Replacement LED Lamps LED with built in current limiting resistor (with all illuminated assemblies). 5V DC LATD-5 k 6V AC/DC LATD-6 k 12V AC/DC LATD-1 k 24V AC/DC LATD-2 k Replacement Locking Ring Fastens operators to panel (included with all operators). All switches & pilot lights HA9Z-LN Anti-Rotation Ring Prevents rotation of switches in panel (included with all operators). All switches & pilot lights AL6-LP Replacement Engraving Inserts Engraving plates to allow legends underneath translucent lenses (included with all lenses). Round standard AL6M-W Square standard AL6Q-W Rectangular standard AL6H-W Round oversize AL6M-MW Square/rectangular oversize AL6Q-QW Replacement Keys Pair of keys (#132). All key switches use same standard key. All key selectors AS6-SK 1. In place of k specify color code. A=Amber, G=Green, Y=Yellow, R=Red, S=Blue, W=Warm White, JW=Cool White. 2. LEDs include built-in current limiting resistor and reverse polarity protection diode. |
Similar Part No. - AL6M-M2l |
|
Similar Description - AL6M-M2l |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |