Electronic Components Datasheet Search |
|
AHN12248 Datasheet(PDF) 5 Page - International Rectifier |
|
AHN12248 Datasheet(HTML) 5 Page - International Rectifier |
5 / 6 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HN (AHN) ASCTB5E 201212-T SAFETY STANDARDS * CSA standard: Certified by C-UL ** Please consult us. File No. Certification authority: UL/C-UL File No. Certification authority: VDE 1 Form C E43149* 10A 277V AC, 10A 30V DC 40012003 10A 250V AC (cos φ=1.0), 10A 30V DC (0ms) 2 Form C E43149* 5A 277V AC, 5A 30V DC 40012003 5A 250V AC (cos φ=1.0), 5A 30V DC (0ms) 1 Form A (TM type) E43149* 16A 277V AC, 16A 30V DC, TV-5 — ** 2. Plug-in type 2 Form C External dimensions 19.4 7.5 Max. 28 Max. 29 Max. 13 6 8.9 0.5 0.5 2.6 2.6 55 .764 .295 Max. 1.102 Max. 1.142 Max. .512 .236 .020 .020 .102 .102 .197 .197 .350 Schematic (Bottom view) Standard type 3 87 6 5 4 2 1 With LED AC type With Diode type With LED DC type With Diode and LED type 12 4 5 6 7 8 3 12 4 5 6 7 8 3 12 4 5 6 7 8 3 12 4 5 6 7 8 3 CAD Data Dimension: Less than 1mm .039inch: Min. 1mm .039inch less than 3mm .118 inch: Min. 3mm .118 inch: Tolerance ±0.1 ±.004 ±0.2 ±.008 ±0.3 ±.012 3. TM type 1 Form A External dimensions #187 tab terminal 8.5 17.5 7.5 Max. 30 Max. 45 Max. 13 Max. 29 0.5 2.5 3.7 5.2 0.5 4.75 4.75 .335 .389 .295 Max. 1.181 Max. 1.772 Max. .512 Max. 1.142 .020 .098 .146 .205 .020 .187 .187 Notes: 1. When mounting the TM type, since the cover is made from polycarbonate, please use a washer in order to prevent damage, deformation, and loosening. 2. Suitable tightening torque is 0.3 to 0.5 N·m. Schematic Mounting hole dimensions 1 5 43 38 2-M3 or 2-3.5 dia. 1.496 2-.118 or 2-.138 dia. CAD Data Dimension: Less than 1mm .039inch: Min. 1mm .039inch less than 3mm .118 inch: Min. 3mm .118 inch: Tolerance ±0.1 ±.004 ±0.2 ±.008 ±0.3 ±.012 |
Similar Part No. - AHN12248 |
|
Similar Description - AHN12248 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |