Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL6Q-M2lP-H Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL6Q-M2lP-H
Description  A6 Series Miniature Switches and Pilot Devices 16mm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6Q-M2lP-H Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL6Q-M2lP-H Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 9Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 10Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 11Page - List of Unclassifed Manufacturers AL6Q-M2lP-H Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
16mm A6
464
www.idec.com
Switches & Pilot Devices
AS6 Selector and Keylock Switches
AS6 Selector Switches and Keylock Switches (2 & 3 Position)
Style
Function
Knob
Key
Round Selector
Round Keylock
Maintained
L
R
AS6M-2Y2P
AS6M-2KT2Pj
Spring Return
Right
L
R
AS6M-21Y2P
AS6M-21KT2PB
Maintained
L
C
R
AS6M-3Y2P
AS6M-3KT2Pj
Spring Return
Right gCenter
L
C
R
AS6M-31Y2P
AS6M-31KT2Pj
Spring Return
Left gCenter
L
C
R
AS6M-32Y2P
AS6M-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6M-33Y2P
AS6M-33KT2PD
Square Selector
Square Keylock
Maintained
L
R
AS6Q-2Y2P
AS6Q-2KT2Pj
Spring Return to
Right
L
R
AS6Q-21Y2P
AS6Q-21KT2PB
Maintained
L
C
R
AS6Q-3Y2P
AS6Q-3KT2Pj
Spring Return
RightgCenter
L
C
R
AS6Q-31Y2P
AS6Q-31KT2Pj
Spring Return
Left gCenter
L
C
R
AS6Q-32Y2P
AS6Q-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6Q-33Y2P
AS6Q-33KT2PD
Rectangular Selector
Rectangular Keylock
Maintained
L
R
AS6H-2Y2P
AS6H-2KT2Pj
Spring Return
Right
L
R
AS6H-21Y2P
AS6H-21KT2PB
Maintained
L
C
R
AS6H-3Y2P
AS6H-3KT2Pj
Spring Return
Right gCenter
L
C
R
AS6H-31Y2P
AS6H-31KT2Pj
Spring Return
LeftgCenter
L
C
R
AS6H-32Y2P
AS6H-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6H-33Y2P
AS6H-33KT2PD
1. All models are IP65 and DPDT.
2. In place of j, specify Key Retention Code. See table on right.
3. Available as assembled units only.
4. For accessories, see page 466.
5. For dimensions, see page 468.
Contact Operations
(for all selectors)
Contents
Operator Position
& Contact Operation
2-pos. (DPDT)
Left
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
3-pos. (DPDT)
Left
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
Center
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
jKey Retention Codes
Code
Description
A
Key not retained in any position
(removable in all positions)
B
Key retained in right position only
C
Key retained in left position only
D
Key retained in left and right
(3 position only)
E
Key retained in center only
(3 position only)
G
Key retained right and center
(3 position only)
H
Key retained left and center
(3 position only)
Key cannot be removed in a spring return
position.
Contact Operations
(for all selectors)
Contents
Operator Position
& Contact Operation
2-pos. (DPDT)
Left
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
3-pos. (DPDT)
Left
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
Center
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
jKey Retention Codes
Code
Description
A
Key not retained in any position
(removable in all positions)
B
Key retained in right position only
C
Key retained in left position only
D
Key retained in left and right
(3 position only)
E
Key retained in center only
(3 position only)
G
Key retained right and center
(3 position only)
H
Key retained left and center
(3 position only)
Key cannot be removed in a spring return
position.


Similar Part No. - AL6Q-M2lP-H

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
AL6Q-P00 IDEC-AL6Q-P00 Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
AL6Q-P00 IDEC-AL6Q-P00 Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
More results

Similar Description - AL6Q-M2lP-H

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
Tyco Electronics
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com