Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0045 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
TA = +25°C, Z0 = 50 Ω, VDD = 5 V, IDD = 45 mA unless otherwise specified.
VSWR vs. Frequency
Gain vs. Frequency
Noise Figure vs. Frequency
Noise Figure vs. Current, F = 1785 MHz
Output P1 dB vs. Frequency
Output P1 dB vs. Current, F = 1785 MHz
10
12
14
16
18
1.21.4
1.61.8
2.0
2.2
3 VOLTS
5 VOLTS
8 VOLTS
Frequency (GHz)
1
2
3
4
5
1.2
1.4
1.6
1.8
2.0
2.2
INPUT
OUTPUT
Frequency (GHz)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Frequency (GHz)
1.2
1.3
1.4
1.5
1.6
20
30
40
50
60
Current (mA)
8
12
16
20
24
1.7
1.8
1.9
2.0
3 VOLTS
5 VOLTS
6 VOLTS
8 VOLTS
Frequency (GHz)
8
12
16
20
24
20
30
40
50
60
3 VOLTS
5 VOLTS
6 VOLTS
8 VOLTS
Current (mA)


Similar Part No. - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
MAAMSS0045SMB MACOM-MAAMSS0045SMB Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045SMB MA-COM-MAAMSS0045SMB Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results

Similar Description - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com