Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXC51S4150 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXC51S4150
Description  Automation Controls Catalog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXC51S4150 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXC51S4150 Datasheet HTML 2Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 3Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 4Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 5Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 6Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 7Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 8Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 9Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
Notes on Using Micro Coaxial Connectors
8–
ACCTB12E 201303-T
NOTES (Unit: mm)
Notes on Using Micro Coaxial Connectors
Safety precautions
Observe the following safety precautions to prevent accidents
and injuries.
1) The use of the connector outside of the specified rated current
and breakdown voltage ranges may cause abnormal heating,
smoke, and fire.
Never use the connector beyond the specified ranges of the
product.
2) In order to avoid accidents, make sure you have thoroughly
reviewed the specifications before use.
Consult us if you plan to use the product in a way not covered by
the specifications.
3) We are consistently striving to improve quality and reliability.
However, the fact remains that electrical components and
devices generally fail at a given statistical probability.
Furthermore, their durability varies depending on where and
how they are used. Please be sure to verify electrical
components and devices under actual conditions before use.
Continuously using them in a state of degraded performance
may cause deterioration in insulation performance, thus
resulting in abnormal heat generation, smoke generation, or fire.
To avoid that, we ask you to implement safe designs that include
redundancy, fire prevention, and malfunction prevention. Also,
please conduct periodic maintenance so that no accidents
resulting in injury or death, fire, or harm to society will be caused
as a result of product failure or service life.
About plug
The plug of this product is wired by soldering the 0.25 mm pitch
(CS)/0.4 mm pitch (CF) cable.
If you will be harnessing, carry it out based on the separately
attached “Plug Assembly Procedures”. Make sure to get familiar
with and observe all the precautions in the procedures.
Note: If you would like “Plug Assembly Procedures”, please
inquire at one of our sales offices.
• Caution regarding harness handling procedures.
To prevent the cable from being severed and to prevent damage
to the product, please handle carefully making sure not to apply
undue stress to the base of the cable after connecting it and
after mating the connector.
• Caution regarding harness design
To prevent the cable from being severed and to prevent damage
to the product, please place and secure the cable in a way that
prevents the base of the cable from becoming stressed.
About receptacle
• PC board design
Design the recommended foot pattern in order to secure the
mechanical strength in the soldered areas of the terminal.
• About (CF)
Use all the soldering terminals as GND for connecting GND
stably.
• Connector mounting
When mounting, if there is too much suction nozzle pressure,
the molded and metal parts might deform and break.
Please check beforehand.
• Soldering
1) Manual soldering.
• Since this connector is the low profile type the amount of solder
supplied should be closely monitored.
Too much solder during manual soldering may cause solder
creeping near the contacting part or a short circuit with the shell
(GND).
• Make sure that the soldering iron tip is heated within the
temperature and time limits indicated in the specifications.
• Flux from the solder wire may adhere to the contact surfaces
during soldering operations. After soldering, carefully check the
contact surfaces and clean off any flux before use.
• Be aware that a load applied to the connector terminals while
soldering may displace the contact.
• Thoroughly clean the iron tip.
• Receptacle
Recommended PC board pattern (mounting pad layout)
(Top view)
Recommended window size of metal mask
Metal mask thickness: When 120
µm
(Signal terminal portion opening area ratio: 60%)
(GND terminal portion opening area ratio: 70%)
(Shell edge terminal portion at four corners opening area ratio: 60%)
Dimension table (mm)
CS series
Number of
pins/
dimension
A
B
C
D
E
F
G
H
I
21
7.05
5.75
5.00
4.50
7.40
8.90
9.98
6.85
9.16
41
12.05
10.75
10.00
9.50
12.40
13.90
14.98
11.85
14.16
51
14.55
13.25
12.50
12.00
14.90
16.40
17.48
14.35
16.66
Insulation
D
±0.05
E
±0.05
F
±0.05
G
±0.05
A
±0.05
B
±0.05
C
±0.05
0.50
±0.03
0.25
±0.03
0.25
±0.03
D
±0.03
I
±0.03
G
±0.03
H
±0.03
B
±0.03
C
±0.03
0.22
±0.01
0.50
±0.01


Similar Part No. - AXC51S4150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
ATGBICS by Approved Tec...
AXC761-10000S-C ATGBICS-AXC761-10000S-C Datasheet
152Kb / 3P
   AXC761-10000S Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
AXC761-C ATGBICS-AXC761-C Datasheet
151Kb / 3P
   AXC761 Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Similar Description - AXC51S4150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com