Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXC51S4150 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXC51S4150
Description  Automation Controls Catalog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXC51S4150 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXC51S4150 Datasheet HTML 1Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 2Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 3Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 4Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 5Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 6Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 7Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 8Page - Panasonic Semiconductor AXC51S4150 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
Micro coaxial connectors
CS
–2–
ACCTB21E 201310-T
PRODUCT TYPES
1. Receptacle
2. Plug (unit)
3. Plug cover shell
Notes: 1. Order unit:
For volume production: 1-inner carton (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
2. Please contact us for connectors having a number of pins other than those listed above.
Mated height
Number of pins
Part number
Packing
Receptacle (Board side)
Inner carton (1-reel)
Outer carton
1.27mm
21
AXC51S2150
5,000 pcs.
10,000 pcs.
41
AXC51S4150
51
AXC51S5150
Mated height
Number of
pins
#38-compatible
Part number
Packing
Plug (Cable side)
Inner carton (1-reel)
Outer carton
1.27mm
21
Available (Each two both ends)
AXC61S2174
5,000 pcs.
10,000 pcs.
41
Available (Each two both ends)
AXC61S4174
51
Not available
AXC61S5170
Mated height
Number of
pins
#38-compatible
Part number
Packing
Plug cover shell (Plug side)
Inner carton (1-reel)
Outer carton
1.27mm
21
Available
AXC81S21714
5,000 pcs.
10,000 pcs.
41
Available
AXC81S41714
Not available
AXC81S41710
51
Not available
AXC81S51710


Similar Part No. - AXC51S4150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
ATGBICS by Approved Tec...
AXC761-10000S-C ATGBICS-AXC761-10000S-C Datasheet
152Kb / 3P
   AXC761-10000S Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
AXC761-C ATGBICS-AXC761-C Datasheet
151Kb / 3P
   AXC761 Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Similar Description - AXC51S4150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com