Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20030 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20030
Description  15 Watts, 420-470 MHz RF Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20030 Datasheet(HTML) 1 Page - Ericsson

  PTB20030 Datasheet HTML 1Page - Ericsson PTB20030 Datasheet HTML 2Page - Ericsson PTB20030 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
Input Power (Watts)
VCC = 24 V
ICQ = 200 mA
f = 470 MHz
Typical Output Power vs. Input Power
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
48
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
6.0
Adc
Total Device Dissipation at Tflange = 25°C
PD
63
Watts
Above 25°C derate by
0.30
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
2.8
°C/W
PTB 20030
15 Watts, 420–470 MHz
RF Power Transistor
Description
The 20030 is a class AB, NPN, common emitter RF power transistor
intended for 24 Vdc operation across the 420 to 470 MHz frequency
band. Rated at 15 watts minimum output power, it may be used for
both CW and PEP applications. Ion implantation, nitride surface
passivation and gold metallization are used to ensure excellent device
reliability. 100% lot traceability is standard.
• 15 Watts, 420–470 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 15 Watts
• Gold Metallization
• Silicon Nitride Passivated
Package 20201
20030
LOT
CODE
9/28/98


Similar Part No. - PTB20030

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
   40 Watts, 420-470 MHz RF Power Transistor
PTB20038 ERICSSON-PTB20038 Datasheet
44Kb / 2P
   25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
logo
Advanced Semiconductor
PTB20038 ASI-PTB20038 Datasheet
26Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - PTB20030

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
   40 Watts, 420-470 MHz RF Power Transistor
PTB20162 ERICSSON-PTB20162 Datasheet
42Kb / 2P
   40 Watts, 470-900 MHz RF Power Transistor
PTB20095 ERICSSON-PTB20095 Datasheet
44Kb / 3P
   15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
   15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
   15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20237 ERICSSON-PTB20237 Datasheet
541Kb / 4P
   150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20081 ERICSSON-PTB20081 Datasheet
385Kb / 3P
   150 Watts, 470-860 MHz UHF TV Power Transistor
PTB20190 ERICSSON-PTB20190 Datasheet
549Kb / 4P
   175 Watts, 470-806 MHz Digital Television Power Transistor
PTB20206 ERICSSON-PTB20206 Datasheet
380Kb / 2P
   1.0 Watt, 470-860 MHz RF Power Transistor
PTB20091 ERICSSON-PTB20091 Datasheet
357Kb / 2P
   30 Watts, 470-860 MHz UHF TV Linear Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com