Electronic Components Datasheet Search |
|
OPB982L55 Datasheet(PDF) 2 Page - OPTEK Technologies |
|
OPB982L55 Datasheet(HTML) 2 Page - OPTEK Technologies |
2 / 7 page OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue C.1 1/10 Page 2 of 6 Photologic ® Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible. Lead No. Function 1 Anode 2 Cathode 3 Vcc 4 Output 5 Ground TABLE 1 PACKAGE OUTLINE for OPB960 and OPB970 Series APERTURE WIDTH GUIDE CODE LED SENSOR 55 .050” [1.27mm] .050” [1.27mm] 51 .050” [1.27mm] .010” [0.25mm] 11 .010” [0.25mm] .010” [0.25mm] Lengths are .050” [1.27mm] Notes: (1) RMA flux recommended. Duration can be extended to 10 seconds max. (2) Feature controlled at body. (3) Highly activated water soluble fluxes may attack plastic. Recommend trial to verify application. (4) Maximum lead soldering temperature [1.6mm from case for 5 seconds with soldering iron] 260° C. (5) Cathode lead may be shorter. (6) Part number marking may be on any side. |
Similar Part No. - OPB982L55 |
|
Similar Description - OPB982L55 |