Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4235 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N4235
Description  PNP SILICON PLANAR TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4235 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N4235 Datasheet HTML 1Page - Continental Device India Limited 2N4235 Datasheet HTML 2Page - Continental Device India Limited 2N4235 Datasheet HTML 3Page - Continental Device India Limited 2N4235 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR TRANSISTORS
2N4234, 2N4235
2N4236
TO-39
Metal Can Package
General Purpose Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N4234
2N4235
UNIT
Collector Emitter Voltage
VCEO
40
60
V
Collector Base Voltage
VCBO
40
60
V
Emitter Base Voltage
VEBO
7.0
V
Base Current
IB
200
mA
Collector Current Continuous
IC
1.0
A
Power Dissipation @ Ta=25ºC
PD
1.0
W
Derate Above 25ºC
5.7
mW/ ºC
Power Dissipation @ Tc=25ºC
PD
6.0
W
Derate Above 25ºC
34
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 65 to +200
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
29
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
2N4234
2N4235
2N4236
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
40
60
80
V
Collector Cut Off Current
ICEO
VCE=30V, IB=0
1.0
mA
VCE=40V, IB=0
1.0
mA
VCE=60V, IB=0
1.0
mA
Collector Cut Off Current
ICEX
VCE=40V, VEB=1.5V
0.1
mA
VCE=60V, VEB=1.5V
0.1
mA
VCE=80V, VEB=1.5V
0.1
mA
TC=150ºC
VCE=30V, VEB=1.5V
1.0
mA
VCE=40V, VEB=1.5V
1.0
mA
VCE=60V, VEB=1.5V
1.0
mA
MIN
TYP
MAX
Collector Cut Off Current
ICBO
VCB=Rated VCBO, IE=0
0.1
mA
Emitter Cut Off Current
IEBO
VEB=7V, IC=0
0.5
mA
DC Current Gain
*hFE
IC=100mA, VCE=1V
40
IC=250mA, VCE=1V
30
150
IC=500mA, VCE=1V
20
IC=1A, VCE=1V
10
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N4234_4236Rev_1 121004E
2N4236
80
80
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Company


Similar Part No. - 2N4235

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4235 BOCA-2N4235 Datasheet
196Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Micro Electronics
2N4235 MICRO-ELECTRONICS-2N4235 Datasheet
150Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4235 CENTRAL-2N4235 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N4235 ETC-2N4235 Datasheet
347Kb / 8P
   Power Transistors
logo
Microsemi Corporation
2N4235 MICROSEMI-2N4235 Datasheet
56Kb / 2P
   NPN POWER AMPLIFIER SILICON TRANSISTOR
More results

Similar Description - 2N4235

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
   PNP silicon planar transistors
logo
Siemens Semiconductor G...
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
   PNP SILICON PLANAR TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
   PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4030 CDIL-2N4030 Datasheet
209Kb / 4P
   PNP SILICON PLANAR TRANSISTORS
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
BCY77 SIEMENS-BCY77 Datasheet
218Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BD287 NJSEMI-BD287 Datasheet
114Kb / 2P
   PNP Silicon Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com