Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20053 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20053
Description  60 Watts, 860-900 MHz Cellular Radio RF Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20053 Datasheet(HTML) 3 Page - Ericsson

  PTB20053 Datasheet HTML 1Page - Ericsson PTB20053 Datasheet HTML 2Page - Ericsson PTB20053 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20053
3
e
Efficiency vs. Frequency
(as measured in a broadband circuit)
20
30
40
50
60
70
80
850
860
870
880
890
900
910
Frequency (MHz)
VCC = 25 V
ICQ = 200 mA
Pout = 60 W
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© Ericsson Components AB 1995
EUS/KR 1301-PTB 20053 Uen Rev. D 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower


Similar Part No. - PTB20053

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20051 ERICSSON-PTB20051 Datasheet
41Kb / 2P
   6 Watts, 1.465-1.513 GHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20053

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20038 ERICSSON-PTB20038 Datasheet
44Kb / 2P
   25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20017 ERICSSON-PTB20017 Datasheet
44Kb / 3P
   150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20111 ERICSSON-PTB20111 Datasheet
47Kb / 3P
   85 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
   15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20004 ERICSSON-PTB20004 Datasheet
47Kb / 3P
   50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
   4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20134 ERICSSON-PTB20134 Datasheet
42Kb / 2P
   30 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
   150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
   60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
   60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com