Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4006L8 Datasheet(PDF) 6 Page - Teccor Electronics

Part # L4006L8
Description  Electrically-isolated packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

L4006L8 Datasheet(HTML) 6 Page - Teccor Electronics

  L4006L8 Datasheet HTML 1Page - Teccor Electronics L4006L8 Datasheet HTML 2Page - Teccor Electronics L4006L8 Datasheet HTML 3Page - Teccor Electronics L4006L8 Datasheet HTML 4Page - Teccor Electronics L4006L8 Datasheet HTML 5Page - Teccor Electronics L4006L8 Datasheet HTML 6Page - Teccor Electronics L4006L8 Datasheet HTML 7Page - Teccor Electronics L4006L8 Datasheet HTML 8Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.teccor.com
E1 - 6
©2004 Littelfuse LP
+1 972-580-7777
Thyristor Product Catalog
Electrical Isolation
Teccor’s isolated triac packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following isolation
table shows standard isolation ratings.
*
UL Recognized File #E71639
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Figure E1.1 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E1.2 Maximum Allowable Case Temperature versus
On-state Current (0.8 A and 1 A)
Electrical Isolation
from Leads to Mounting Tab
V AC RMS
TO-220 *
2500
Standard
Thermal Resistance (Steady State) Junction to Mounting Tab
and Junction to Ambient
RθJC [RθJA] °C/W (TYP)
Package Code
EC
F
L
F2
D
V
Type
TO-92
Plastic
Compak
TO-202
Type 1
TO-220
Isolated
TO-202
Type 2
TO-252
D-Pak
TO-251
V-Pak
0.8 A
60 [135]
60 *
1 A
50 [95]
40 *
4A
3.5 [45]
3.6 [50]
6.0 [70]
3.5
6.0 [70]
6A
3.3
3.2
3.2
8A
2.8
2.7
2.7
20
40
60
80
100
120
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-220 and
TYPE 1 and 3 TO-202
TYPE 2 and 4 TO-202
and TO-251
0.8 A TO-92
1 A TO-92
25
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
60
70
80
90
100
110
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawings
RMS On-State Current [IT(RMS)] – Amps
1 A
0.8 A


Similar Part No. - L4006L8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4006L8 TECCOR-L4006L8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4006L8 LITTELFUSE-L4006L8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L4006L8 LITTELFUSE-L4006L8 Datasheet
176Kb / 8P
   Sensitive Triacs
L4006L8 LITTELFUSE-L4006L8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L4006L8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
   Electrically Isolated Case
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
logo
IXYS Corporation
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
   Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
   Electrically Isolated Base Plate
logo
IXYS Corporation
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com