Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3903 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N3903
Description  NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3903 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N3903 Datasheet HTML 1Page - Continental Device India Limited 2N3903 Datasheet HTML 2Page - Continental Device India Limited 2N3903 Datasheet HTML 3Page - Continental Device India Limited 2N3903 Datasheet HTML 4Page - Continental Device India Limited 2N3903 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N3903 / 2N3904
TO-92
Plastic Package
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet.
The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and
Packing Section of the Product Catalogue.
2N3903_3904Rev_1 030306E
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
TO-92 Plastic Package
1
2
3
D
G
SEC AA
D
B
A A
1
2
3
F
F
3 2 1
Mold
Parting
Line
All dimensions are in mm
DIM
A
B
C
D
E
F
5 DEG
G
H
K
L
MAX.
5.33
5.20
4.19
0.55
0.50
1.40
1.40
2.082
1.20
M
MIN.
4.32
4.45
3.18
0.41
0.35
1.14
1.20
12.70
1.982
1.03
PIN CONFIGURATION
1. COLLECTOR
2. BASE
3. EMITTER
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTONBOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Details
Continental Device India Limited
Data Sheet
Page 3 of 5


Similar Part No. - 2N3903

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3903 ONSEMI-2N3903 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3903 CENTRAL-2N3903 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Samsung semiconductor
2N3903 SAMSUNG-2N3903 Datasheet
34Kb / 1P
   npn epitaxial silicon transistor
logo
Nanjing International G...
2N3903 DGNJDZ-2N3903 Datasheet
41Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Semtech Corporation
2N3903 SEMTECH-2N3903 Datasheet
166Kb / 3P
   NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications
More results

Similar Description - 2N3903

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com