Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3903 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3903
Description  NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3903 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3903 Datasheet HTML 1Page - Continental Device India Limited 2N3903 Datasheet HTML 2Page - Continental Device India Limited 2N3903 Datasheet HTML 3Page - Continental Device India Limited 2N3903 Datasheet HTML 4Page - Continental Device India Limited 2N3903 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3903 / 2N3904
TO-92
Plastic Package
General Purpose Switching And Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation at Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation at Tc=25ºC
PD
Derate Above 25ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
Junction to Ambient in free air
Rth (j-a)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
2N3903
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>40
Collector Base Voltage
VCBO
IC=10µA. IE=0
>60
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>6.0
>6.0
Base Cut Off Current
IBL
VCE=30V, VEB=3V
< 50
< 50
Collector Cut Off Current
ICEX
VCE=30V, VEB=3V
< 50
< 50
DC Current Gain
*hFE
IC=0.1mA, VCE=1V
>20
>40
IC=1mA, VCE=1V
>35
>70
IC=10mA, VCE=1V
50-150
100-300
IC=50mA, VCE=1V
>30
>60
IC=100mA, VCE=1V
>15
>30
Collector Emitter Saturation Voltage *VCE (sat)
IC=10mA, IB=1mA
< 0.2
< 0.2
IC=50mA, IB=5mA
< 0.3
< 0.3
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
0.65 - 0.85
IC=50mA, IB=5mA
< 0.95
< 0.95
*Pulse Condition: =300
µµs, Duty Cycle=2%
2N3903_3904Rev_1 240206E
W
V
mA
mW
mW/ºC
UNITS
V
V
V
nA
V
nA
V
mW/ºC
ºC
ºC/W
ºC/W
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
VALUE
40
60
UNITS
V
V
200
625
1.5
5.0
2N3904
83.3
200
12
-55 to +150
6.0
V
V
0.65 - 0.85
>40
>60
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3903

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3903 ONSEMI-2N3903 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3903 CENTRAL-2N3903 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Samsung semiconductor
2N3903 SAMSUNG-2N3903 Datasheet
34Kb / 1P
   npn epitaxial silicon transistor
logo
Nanjing International G...
2N3903 DGNJDZ-2N3903 Datasheet
41Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Semtech Corporation
2N3903 SEMTECH-2N3903 Datasheet
166Kb / 3P
   NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications
More results

Similar Description - 2N3903

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com